Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 207 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 207 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 203Page - Microchip Technology DM163006 Datasheet HTML 204Page - Microchip Technology DM163006 Datasheet HTML 205Page - Microchip Technology DM163006 Datasheet HTML 206Page - Microchip Technology DM163006 Datasheet HTML 207Page - Microchip Technology DM163006 Datasheet HTML 208Page - Microchip Technology DM163006 Datasheet HTML 209Page - Microchip Technology DM163006 Datasheet HTML 210Page - Microchip Technology DM163006 Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 207
PIC18C601/801
19.0
SPECIAL FEATURES OF THE
CPU
There are several features intended to maximize
system reliability, minimize cost through elimination of
external components and provide power saving
operating modes:
• OSC Selection
• RESET
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
• Interrupts
• Watchdog Timer (WDT)
• SLEEP
• ID Locations
PIC18C601/801 devices have a Watchdog Timer,
which can be permanently enabled/disabled via the
configuration bits, or it can be software controlled. By
default, the Watchdog Timer is disabled to allow soft-
ware control. It runs off its own RC oscillator for cost
reduction. There are two timers that offer necessary
delays on power-up. One is the Oscillator Start-up
Timer (OST), intended to keep the chip in RESET until
the crystal oscillator is stable. The other is the Power-
up Timer (PWRT), which provides a fixed delay on
power-up only, designed to keep the part in RESET
while the power supply stabilizes. With these two tim-
ers on-chip, most applications need no external
RESET circuitry.
SLEEP mode is designed to offer a very low current
Power-down mode. The user can wake-up from
SLEEP through external RESET, Watchdog Timer
Wake-up or through an interrupt. Several oscillator
options are also available to allow the part to fit the
application. The RC oscillator option saves system
cost, while the LP crystal option saves power. By
default, HS oscillator mode is selected. There are two
main modes of operations for external memory inter-
face: 8-bit and 16-bit (default). A set of configuration
bits are used to select various options.
19.1
Configuration Bits
The configuration bits can be programmed (read as ’0’),
or left unprogrammed (read as ’1’), to select various
device configurations. These bits are mapped starting
at program memory location 300000h.
The user will note that address 300000h is beyond the
user program memory space. In fact, it belongs to the
configuration memory space (300000h - 3FFFFFh),
which can only be accessed using table reads and
table writes.
TABLE 19-1:
CONFIGURATION BITS AND DEVICE IDs
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300001h
CONFIG1H
—
—
—
—
—
—
FOSC1
FOSC0
---- --11
300002h
CONFIG2L
—
BW
—
—
—
—
—
PWRTEN
-1-- ---1
300003h
CONFIG2H
—
—
—
—
WDTPS2 WDTPS1
WDTPS0
WDTEN
---- 1110
300006h
CONFIG4L
r
—
—
—
—
—
—
STVREN
1--- ---1
3FFFFEh
DEVID1
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
0000 0000
3FFFFFh
DEVID2
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0000 0000
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition, r = reserved, maintain ‘1’.
Shaded cells are unimplemented, read as ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com