Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 206 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 206 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 202Page - Microchip Technology DM163006 Datasheet HTML 203Page - Microchip Technology DM163006 Datasheet HTML 204Page - Microchip Technology DM163006 Datasheet HTML 205Page - Microchip Technology DM163006 Datasheet HTML 206Page - Microchip Technology DM163006 Datasheet HTML 207Page - Microchip Technology DM163006 Datasheet HTML 208Page - Microchip Technology DM163006 Datasheet HTML 209Page - Microchip Technology DM163006 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 320 page
background image
PIC18C601/801
DS39541A-page 206
Advance Information
 2001 Microchip Technology Inc.
18.2.1
REFERENCE VOLTAGE SET POINT
The Internal Reference Voltage of the LVD module may
be used by other internal circuitry (the programmable
Brown-out Reset). If these circuits are disabled (lower
current consumption), the reference voltage circuit
requires time to become stable before a low voltage con-
dition can be reliably detected. This time is invariant of
system clock speed. This start-up time is specified in
electrical specification parameter #36. The low voltage
interrupt flag will not be enabled until a stable reference
voltage is reached. Refer to the waveform in Figure 18-3.
18.2.2
CURRENT CONSUMPTION
When the module is enabled, the LVD comparator and
voltage divider are enabled and will consume static cur-
rent. The voltage divider can be tapped from multiple
places in the resistor array. Total current consumption,
when enabled, is specified in electrical specification
parameter #D022B.
18.3
External Analog Voltage Input
The LVD module has an additional feature that allows
the user to supply the trip point voltage to the module
from an external source (the LVDIN pin). The LVDIN pin
is used as the trip point when the LVDL3:LVDL0 bits
equal ’1111’. This state connects the LVDIN pin volt-
age to the comparator. The other comparator input is
connected to an internal reference voltage source.
18.4
Operation During SLEEP
When enabled, the LVD circuitry continues to operate
during SLEEP. If the device voltage crosses the trip
point, the LVDIF bit will be set and the device will wake-
up from SLEEP. Device execution will continue from
the interrupt vector address, if interrupts have been
globally enabled.
18.5
Effects of a RESET
A device RESET forces all registers to their RESET
state. This forces the LVD module to be turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com