Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 204 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 204 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 200Page - Microchip Technology DM163006 Datasheet HTML 201Page - Microchip Technology DM163006 Datasheet HTML 202Page - Microchip Technology DM163006 Datasheet HTML 203Page - Microchip Technology DM163006 Datasheet HTML 204Page - Microchip Technology DM163006 Datasheet HTML 205Page - Microchip Technology DM163006 Datasheet HTML 206Page - Microchip Technology DM163006 Datasheet HTML 207Page - Microchip Technology DM163006 Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 320 page
background image
PIC18C601/801
DS39541A-page 204
Advance Information
 2001 Microchip Technology Inc.
18.1
Control Register
The Low Voltage Detect Control register (Register 18-1)
controls the operation of the Low Voltage Detect
circuitry.
REGISTER 18-1:
LVDCON REGISTER
U-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
—
—
IRVST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
bit 7
bit 0
bit 7-6
Unimplemented: Read as '0'
bit 5
IRVST: Internal Reference Voltage Stable Flag bit
1
= Indicates that the Low Voltage Detect logic will generate the interrupt flag at the specified
voltage range
0
= Indicates that the Low Voltage Detect logic will not generate the interrupt flag at the
specified voltage range and the LVD interrupt should not be enabled
bit 4
LVDEN: Low Voltage Detect Power Enable bit
1
= Enables LVD, powers up LVD circuit
0
= Disables LVD, powers down LVD circuit
bit 3-0
LVDL3:LVDL0: Low Voltage Detection Limit bits
1111
= External analog input is used (input comes from the LVDIN pin)
1110
= 4.5V
1101
= 4.2V
1100
= 4.0V - Reserved on PIC18C601/801
1011
= 3.8V - Reserved on PIC18C601/801
1010
= 3.6V - Reserved on PIC18C601/801
1001
= 3.5V - Reserved on PIC18C601/801
1000
= 3.3V - Reserved on PIC18C601/801
0111
= 3.0V - Reserved on PIC18C601/801
0110
= 2.8V - Reserved on PIC18C601/801
0101
= 2.7V - Reserved on PIC18C601/801
0100
= 2.5V - Reserved on PIC18C601/801
0011
= 2.4V - Reserved on PIC18C601/801
0010
= 2.2V - Reserved on PIC18C601/801
0001
= 2.0V - Reserved on PIC18C601/801
0000
= Reserved on PIC18C601/801 and PIC18LC801/601
LVDL3:LVDL0 modes which result in a trip point below the valid operating voltage of the device
are not tested.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com