Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 203 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 203 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 199Page - Microchip Technology DM163006 Datasheet HTML 200Page - Microchip Technology DM163006 Datasheet HTML 201Page - Microchip Technology DM163006 Datasheet HTML 202Page - Microchip Technology DM163006 Datasheet HTML 203Page - Microchip Technology DM163006 Datasheet HTML 204Page - Microchip Technology DM163006 Datasheet HTML 205Page - Microchip Technology DM163006 Datasheet HTML 206Page - Microchip Technology DM163006 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 203
PIC18C601/801
18.0
LOW VOLTAGE DETECT
In many applications, the ability to determine if the
device voltage (VDD) is below a specified voltage level
is a desirable feature. A window of operation for the
application can be created, where the application soft-
ware can do "housekeeping tasks", before the device
voltage exits the valid operating range. This can be
done using the Low Voltage Detect module.
This module is software programmable circuitry, where
a device voltage trip point can be specified (internal ref-
erence voltage or external voltage input). When the
voltage of the device becomes lower than the specified
point, an interrupt flag is set. If the interrupt is enabled,
the program execution will branch to the interrupt vec-
tor address and the software can then respond to that
interrupt source.
The Low Voltage Detect circuitry is completely under
software control. This allows the circuitry to be "turned
off" by the software, which minimizes the current con-
sumption for the device.
Figure 18-1 shows a possible application voltage curve
(typically for batteries). Over time, the device voltage
decreases. When the device voltage equals voltage VA,
the LVD logic generates an interrupt. This occurs at time
TA. The application software then has the time, until the
device voltage is no longer in valid operating range, to
shut-down the system. Voltage point VB is the minimum
valid operating voltage specification. This occurs at time
TB. TB - TA is the total time for shut-down.
FIGURE 18-1:
TYPICAL LOW VOLTAGE
DETECT APPLICATION
Figure 18-2 shows the block diagram for the LVD mod-
ule. A comparator uses an internally generated refer-
ence voltage as the set point. When the selected tap
output of the device voltage crosses the set point (is
lower than), the LVDIF bit (PIR registers) is set.
Each node in the resister divider represents a “trip
point” voltage. The “trip point” voltage is the minimum
supply voltage level at which the device can operate,
before the LVD module asserts an interrupt. When the
supply voltage is equal to the trip point, the voltage
tapped off of the resistor array (or external LVDIN input
pin) is equal to the voltage generated by the internal
voltage reference module. The comparator then gener-
ates an interrupt signal setting the LVDIF bit. This volt-
age is software programmable to any one of 16 values
(see Figure 18-2). The trip point is selected by
programming the LVDL3:LVDL0 bits (LVDCON<3:0>).
FIGURE 18-2:
LOW VOLTAGE DETECT
(LVD) BLOCK DIAGRAM
Time
VA
VB
TA
TB
VA = LVD trip point
VB = Minimum valid device operating range
Legend:
LVDIF
VDD
LVDEN
LVD Control
Register
Internally Generated
Reference Voltage
LVDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com