Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 239 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 239 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 235Page - Microchip Technology DM163006 Datasheet HTML 236Page - Microchip Technology DM163006 Datasheet HTML 237Page - Microchip Technology DM163006 Datasheet HTML 238Page - Microchip Technology DM163006 Datasheet HTML 239Page - Microchip Technology DM163006 Datasheet HTML 240Page - Microchip Technology DM163006 Datasheet HTML 241Page - Microchip Technology DM163006 Datasheet HTML 242Page - Microchip Technology DM163006 Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 239
PIC18C601/801
LFSR
Load FSR
Syntax:
[ label ]
LFSR f,k
Operands:
0
≤ f ≤ 2
0
≤ k ≤ 4095
Operation:
k
→ FSRf
Status Affected:
None
Encoding:
1110
1111
1110
0000
00ff
k7kkk
k11kkk
kkkk
Description:
The 12-bit literal ’k’ is loaded into
the file select register pointed to
by ’f’.
Words:
2
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
’k’ MSB
Process
Data
Write
literal ’k’ MSB
to FSRfH
Decode
Read literal
’k’ LSB
Process
Data
Write literal’k’
to FSRfL
Example:
LFSR FSR2, 3ABh
After Instruction
FSR2H
=
03h
FSR2L
=
0ABh
MOVF
Move f
Syntax:
[ label ]
MOVF f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
f
→ dest
Status Affected:
N,Z
Encoding:
0101
00da
ffff
ffff
Description:
The contents of register ’f’ is moved
to a destination dependent upon the
status of ’d’. If 'd' is 0, the result is
placed in WREG. If 'd' is 1, the result
is placed back in register 'f' (default).
Location 'f' can be anywhere in the
256 byte Bank. If ’a’ is 0, the Access
Bank will be selected, overriding the
BSR value. If ’a’ is 1, the Bank will
be selected as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write
WREG
Example:
MOVF
REG, W
Before Instruction
REG
=
22h
WREG
=
0FFh
N=
?
Z=
?
After Instruction
REG
=
22h
WREG
=
22h
N=
0
Z=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com