Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 241 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 241 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 237Page - Microchip Technology DM163006 Datasheet HTML 238Page - Microchip Technology DM163006 Datasheet HTML 239Page - Microchip Technology DM163006 Datasheet HTML 240Page - Microchip Technology DM163006 Datasheet HTML 241Page - Microchip Technology DM163006 Datasheet HTML 242Page - Microchip Technology DM163006 Datasheet HTML 243Page - Microchip Technology DM163006 Datasheet HTML 244Page - Microchip Technology DM163006 Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 241
PIC18C601/801
MOVLW
Move literal to WREG
Syntax:
[ label ]
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ WREG
Status Affected:
None
Encoding:
0000
1110
kkkk
kkkk
Description:
The eight bit literal ’k’ is loaded into
WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ’k’
Process
Data
Write to
WREG
Example:
MOVLW
5Ah
After Instruction
WREG
=
0x5A
MOVWF
Move WREG to f
Syntax:
[ label ]
MOVWF
f [,a]
Operands:
0
≤ f ≤ 255
a
∈ [0,1]
Operation:
(WREG)
→ f
Status Affected:
None
Encoding:
0110
111a
ffff
ffff
Description:
Move data from WREG to register ’f’.
Location ’f’ can be anywhere in the
256 byte Bank. If ’a’ is 0, the Access
Bank will be selected, overriding the
BSR value. If ’a’ is 1, the Bank will
be selected as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write
register ’f’
Example:
MOVWF
REG
Before Instruction
WREG
=
4Fh
REG
=
0FFh
After Instruction
WREG
=
4Fh
REG
=
4Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com