Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 238 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 238 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 234Page - Microchip Technology DM163006 Datasheet HTML 235Page - Microchip Technology DM163006 Datasheet HTML 236Page - Microchip Technology DM163006 Datasheet HTML 237Page - Microchip Technology DM163006 Datasheet HTML 238Page - Microchip Technology DM163006 Datasheet HTML 239Page - Microchip Technology DM163006 Datasheet HTML 240Page - Microchip Technology DM163006 Datasheet HTML 241Page - Microchip Technology DM163006 Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 320 page
background image
PIC18C601/801
DS39541A-page 238
Advance Information
 2001 Microchip Technology Inc.
IORLW
Inclusive OR literal with WREG
Syntax:
[ label ]
IORLW k
Operands:
0
≤ k ≤ 255
Operation:
(WREG) .OR. k
→ WREG
Status Affected:
N,Z
Encoding:
0000
1001
kkkk
kkkk
Description:
The contents of WREG are OR’ed
with the eight bit literal 'k'. The result
is placed in WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ’k’
Process
Data
Write to
WREG
Example:
IORLW
35h
Before Instruction
WREG
=
9Ah
N=
?
Z=
?
After Instruction
WREG
=
0BFh
N=
1
Z=
0
IORWF
Inclusive OR WREG with f
Syntax:
[ label ]
IORWF
f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(WREG) .OR. (f)
→ dest
Status Affected:
N,Z
Encoding:
0001
00da
ffff
ffff
Description:
Inclusive OR WREG with register
'f'. If 'd' is 0, the result is placed in
WREG. If 'd' is 1, the result is
placed back in register 'f' (default).
If ’a’ is 0, the Access Bank will be
selected, overriding the BSR value.
If ’a’ is 1, the Bank will be selected
as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
IORWF
RESULT, W
Before Instruction
RESULT =
13h
WREG
=
91h
N=
?
Z=
?
After Instruction
RESULT =
13h
WREG
=
93h
N=
1
Z=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com