Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 234 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 234 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 230Page - Microchip Technology DM163006 Datasheet HTML 231Page - Microchip Technology DM163006 Datasheet HTML 232Page - Microchip Technology DM163006 Datasheet HTML 233Page - Microchip Technology DM163006 Datasheet HTML 234Page - Microchip Technology DM163006 Datasheet HTML 235Page - Microchip Technology DM163006 Datasheet HTML 236Page - Microchip Technology DM163006 Datasheet HTML 237Page - Microchip Technology DM163006 Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 320 page
background image
PIC18C601/801
DS39541A-page 234
Advance Information
 2001 Microchip Technology Inc.
DAW
Decimal Adjust WREG Register
Syntax:
[label] DAW
Operands:
None
Operation:
If [WREG<3:0> >9] or [DC = 1] then
(WREG<3:0>) + 6
→ W<3:0>;
else
(WREG<3:0>)
→ W<3:0>;
If [WREG<7:4> >9] or [C = 1] then
(WREG<7:4>) + 6
→ WREG<7:4>;
else
(WREG<7:4>)
→ WREG<7:4>;
Status Affected:
C
Encoding:
0000
0000
0000
0111
Description:
DAW adjusts the eight-bit value in
WREG resulting from the earlier
addition of two variables (each in
packed BCD format) and produces a
correct packed BCD result.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register WREG
Process
Data
Write
WREG
Example1:
DAW
Before Instruction
WREG
=
0A5h
C=
0
DC
=
0
After Instruction
WREG
=
05h
C=
1
DC
=
0
Example 2:
Before Instruction
WREG
=
0CEh
C=
0
DC
=
0
After Instruction
WREG
=
34h
C=
1
DC
=
0
DECF
Decrement f
Syntax:
[ label ] DECF f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f) – 1
→ dest
Status Affected:
C,DC,N,OV,Z
Encoding:
0000
01da
ffff
ffff
Description:
Decrement register 'f'. If 'd' is 0, the
result is stored in WREG. If 'd' is 1,
the result is stored back in register 'f'
(default). If ’a’ is 0, the Access Bank
will be selected, overriding the BSR
value. If ’a’ is 1, the Bank will be
selected as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
DECF
CNT
Before Instruction
CNT
=
01h
Z=
0
After Instruction
CNT
=
00h
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com