Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 267 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 267 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 263Page - Microchip Technology DM163006 Datasheet HTML 264Page - Microchip Technology DM163006 Datasheet HTML 265Page - Microchip Technology DM163006 Datasheet HTML 266Page - Microchip Technology DM163006 Datasheet HTML 267Page - Microchip Technology DM163006 Datasheet HTML 268Page - Microchip Technology DM163006 Datasheet HTML 269Page - Microchip Technology DM163006 Datasheet HTML 270Page - Microchip Technology DM163006 Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 267
PIC18C601/801
22.1
DC Characteristics
PIC18LC601/801
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18C601/801
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic/
Device
Min
Typ
Max
Units
Conditions
D001
VDD
Supply Voltage
PIC18LC601/801
2.0
—
5.5
V
D001
PIC18C601/801
4.2
—
5.5
V
D002
VDR
RAM Data Retention
Voltage(1)
1.5
——
V
D003
VPOR
VDD Start Voltage to
ensure internal
Power-on Reset signal
——
0.7
V
See section on Power-on Reset
for details
D004
SVDD
VDD Rise Rate to
ensure internal Power-
on Reset signal
0.05
——
V/ms
See section on Power-on Reset
for details
Legend: Rows with industrial-extended data are shaded for improved readability.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode, or during a device RESET, without losing
RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS, and
all features that add delta current disabled (such as WDT, Timer1 Oscillator, BOR, ...).
4: For RC osc option, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com