Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 269 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 269 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 265Page - Microchip Technology DM163006 Datasheet HTML 266Page - Microchip Technology DM163006 Datasheet HTML 267Page - Microchip Technology DM163006 Datasheet HTML 268Page - Microchip Technology DM163006 Datasheet HTML 269Page - Microchip Technology DM163006 Datasheet HTML 270Page - Microchip Technology DM163006 Datasheet HTML 271Page - Microchip Technology DM163006 Datasheet HTML 272Page - Microchip Technology DM163006 Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 269
PIC18C601/801
D020
IPD
Power-down Current(3)
PIC18LC601/801
—
—
—
TBD
—
—
5
36
TBD
µA
µA
µA
VDD = 2.5V, -40
°C to +85°C
VDD = 5.5V, -40
°C to +85°C
VDD = 2.5V, 25
°C
D020
PIC18C601/801
—
—
TBD
—
TBD
36
µA
µA
VDD = 4.2V, -40
°C to +85°C
VDD = 5.5V, -40
°C to +85°C
D020A
—
—
TBD
µA
VDD = 4.2V, 25
°C
D021B
—
—
TBD
—
TBD
42
µA
VDD = 4.2V, -40
°C to +125°C
VDD = 5.5V, -40
°C to +125°C
D022
∆IWDT
Module Differential Current
PIC18LC801/601
Watchdog Timer
—
—
—
—
TBD
6.5
—
—
TBD
12
TBD
TBD
µA
µA
µA
µA
VDD = 2.5V
VDD = 3.0V
VDD = 5.5V
VDD = 2.5V, 25
°C
D022
PIC18C601/801
Watchdog Timer
—
—
—
—
—
—
TBD
TBD
TBD
µA
µA
µA
VDD = 5.5V, -40
°C to +85°C
VDD = 5.5V, -40
°C to +125°C
VDD = 4.2V, 25
°C
D022B
∆ILVD
PIC18LC801/601
Low Voltage Detect
—
—
—
—
50
TBD
µA
µA
VDD = 2.5V
VDD = 2.5V, 25
°C
D022B
PIC18C601/801
Low Voltage Detect
—
—
—
—
—
—
TBD
TBD
TBD
µA
µA
µA
VDD = 4.2V, -40
°C to +85°C
VDD = 4.2V, -40
°C to +125°C
VDD = 4.2V, 25
°C
D025
∆IOSCB
PIC18LC801/601
Timer1 Oscillator
—
—
—
—
3
TBD
µA
µA
VDD = 2.5V
VDD = 2.5V, 25
°C
D025
PIC18C601/801
Timer1 Oscillator
—
—
—
—
—
—
TBD
TBD
TBD
µA
µA
µA
VDD = 4.2V, -40
°C to +85°C
VDD = 4.2V, -40
°C to +125°C
VDD = 4.2V, 25
°C
22.1
DC Characteristics (Continued)
PIC18LC601/801
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18C601/801
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic/
Device
Min
Typ
Max
Units
Conditions
Legend: Rows with industrial-extended data are shaded for improved readability.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode, or during a device RESET, without losing
RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS, and
all features that add delta current disabled (such as WDT, Timer1 Oscillator, BOR, ...).
4: For RC osc option, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com