Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 271 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 271 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 267Page - Microchip Technology DM163006 Datasheet HTML 268Page - Microchip Technology DM163006 Datasheet HTML 269Page - Microchip Technology DM163006 Datasheet HTML 270Page - Microchip Technology DM163006 Datasheet HTML 271Page - Microchip Technology DM163006 Datasheet HTML 272Page - Microchip Technology DM163006 Datasheet HTML 273Page - Microchip Technology DM163006 Datasheet HTML 274Page - Microchip Technology DM163006 Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 271
PIC18C601/801
VOL
Output Low Voltage
D080
I/O ports
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +85°C
D080A
—
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
-40
°C to +125°C
D083
OSC2/CLKO
(RC mode)
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
D083A
—
0.6
V
IOL = 1.2 mA, VDD = 4.5V,
-40
°C to +125°C
D084
System Bus mode
—
TBD
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
D084A
—
TBD
V
IOL = 1.2 mA, VDD = 4.5V,
-40
°C to +125°C
D085
Control Signals
—
TBD
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
D085A
—
TBD
V
IOL = 1.2 mA, VDD = 4.5V,
-40
°C to +125°C
VOH
Output High Voltage(3)
D090
I/O ports
VDD - 0.7
—
VIOH = -3.0 mA, VDD = 4.5V,
-40
°C to +85°C
D090A
VDD - 0.7
—
VIOH = -2.5 mA, VDD = 4.5V,
-40
°C to +125°C
D092
OSC2/CLKO
(RC mode)
VDD - 0.7
—
VIOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
D092A
VDD - 0.7
—
VIOH = -1.0 mA, VDD = 4.5V,
-40
°C to +125°C
D093
System Bus mode
TBD
—
VIOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
D093A
TBD
—
VIOH = -1.0 mA, VDD = 4.5V,
-40
°C to +125°C
D094
Control Signals
TBD
—
VIOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
D094A
TBD
—
VIOH = -1.0 mA, VDD = 4.5V,
-40
°C to +125°C
VOD
Open-drain High Voltage
D150
—
7.5
V
RA4 pin
Capacitive Loading Specs on Output Pins
D101
CIO
All I/O pins and OSC2
(in RC mode)
—
50
pF
To meet the AC Timing
Specifications
D102
CB
SCL, SDA
—
400
pF
In I2C mode
22.2
DC Characteristics:
PIC18C801 (Industrial, Extended)
PIC18LC601/801 (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic/
Device
Min
Max
Units
Conditions
Note 1: In RC oscillator option, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PICmicro device be driven with an external clock while in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com