Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 276 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 276 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 272Page - Microchip Technology DM163006 Datasheet HTML 273Page - Microchip Technology DM163006 Datasheet HTML 274Page - Microchip Technology DM163006 Datasheet HTML 275Page - Microchip Technology DM163006 Datasheet HTML 276Page - Microchip Technology DM163006 Datasheet HTML 277Page - Microchip Technology DM163006 Datasheet HTML 278Page - Microchip Technology DM163006 Datasheet HTML 279Page - Microchip Technology DM163006 Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 320 page
background image
PIC18C601/801
DS39541A-page 276
Advance Information
 2001 Microchip Technology Inc.
FIGURE 22-6:
CLKOUT AND I/O TIMING
TABLE 22-5:
CLKOUT AND I/O TIMING REQUIREMENTS
Note: Refer to Figure 22-4 for load conditions.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
old value
new value
Param.
No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TosH2ckL OSC1
↑ to CLKOUT↓
—
75
200
ns
(1)
11
TosH2ckH OSC1
↑ to CLKOUT↑
—
75
200
ns
(1)
12
TckR
CLKOUT rise time
—
35
100
ns
(1)
13
TckF
CLKOUT fall time
—
35
100
ns
(1)
14
TckL2ioV
CLKOUT
↓ to Port out valid
——
0.5TCY + 20
ns
(1)
15
TioV2ckH
Port in valid before CLKOUT
↑
0.25TCY + 25
——
ns
(1)
16
TckH2ioI
Port in hold after CLKOUT
↑
0
——
ns
(1)
17
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid
—
50
150
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle)
to Port input invalid
(I/O in hold time)
PIC18C601/801
100
——
ns
18A
PIC18LC601/801
200
——
ns
19
TioV2osH Port input valid to OSC1
↑
(I/O in setup time)
0
——
ns
20
TioR
Port output rise
time
PIC18C601/801
—
10
25
ns
20A
PIC18LC601/801
——
60
ns
21
TioF
Port output fall time PIC18C601/801
—
10
25
ns
21A
PIC18LC601/801
——
60
ns
22††
TINP
INT pin high or low time
TCY
——
ns
23††
TRBP
RB7:RB4 change INT high or low time
TCY
——
ns
††These parameters are asynchronous events, not related to any internal clock edges.
Note 1: Measurements are taken in RC mode, where CLKO pin output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com