Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 277 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 277 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 273Page - Microchip Technology DM163006 Datasheet HTML 274Page - Microchip Technology DM163006 Datasheet HTML 275Page - Microchip Technology DM163006 Datasheet HTML 276Page - Microchip Technology DM163006 Datasheet HTML 277Page - Microchip Technology DM163006 Datasheet HTML 278Page - Microchip Technology DM163006 Datasheet HTML 279Page - Microchip Technology DM163006 Datasheet HTML 280Page - Microchip Technology DM163006 Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 277
PIC18C601/801
FIGURE 22-7:
PROGRAM MEMORY READ TIMING DIAGRAM
Operating Conditions: 2.0V <VCC <5.5V, -40°C <TA <125°C, unless otherwise stated.
TABLE 22-6:
CLKOUT AND I/O TIMING REQUIREMENTS
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
150
TadV2alL
Address out valid to ALE
↓ (address setup time)
0.25TCY-10
——
ns
151
TalL2adl
ALE
↓ to address out invalid (address hold time)
5
——
ns
155
TalL2oeL
ALE
↓ to OE ↓
10
0.125TCY
—
ns
160
TadZ2oeL
AD high-Z to OE
↓ (bus release to OE)0
——
ns
161
ToeH2adD
OE
↑ to AD driven
0.125TCY-5
——
ns
162
TadV2oeH
LS data valid before OE
↑ (data setup time)
20
——
ns
163
ToeH2adl
OE
↑ to data in invalid (data hold time)
0
——
ns
164
TalH2alL
ALE pulse width
—
TCY
—
ns
165
ToeL2oeH
OE pulse width
0.5TCY-5
0.5TCY
—
ns
166
TalH2alH
ALE
↑ to ALE↑ (cycle time)
—
0.25TCY
—
ns
167
Tacc
Address valid to data valid
0.75TCY-25
——
ns
168
Toe
OE
↓ to data valid
—
0.5TCY-25
ns
169
TalL2oeH
ALE
↓ to OE ↑
0.625TCY-10
—
0.625TCY+10
ns
171
TalH2csL
Chip select active to ALE
↓
0.25TCY-20
——
ns
171A
TubL2oeH
AD valid to chip select active
——
10
ns
Q1
Q2
Q3
Q4
Q1
Q2
OSC1
ALE
OE
Address
Data from external
164
166
160
165
161
151
162
163
AD<15:0>
167
168
155
Address
Address
150
A<19:16>
Address
169
BA0
CS1
CS2
or CSIO
171
171A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com