Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 278 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 278 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 274Page - Microchip Technology DM163006 Datasheet HTML 275Page - Microchip Technology DM163006 Datasheet HTML 276Page - Microchip Technology DM163006 Datasheet HTML 277Page - Microchip Technology DM163006 Datasheet HTML 278Page - Microchip Technology DM163006 Datasheet HTML 279Page - Microchip Technology DM163006 Datasheet HTML 280Page - Microchip Technology DM163006 Datasheet HTML 281Page - Microchip Technology DM163006 Datasheet HTML 282Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 320 page
background image
PIC18C601/801
DS39541A-page 278
Advance Information
 2001 Microchip Technology Inc.
FIGURE 22-8:
8-BIT PROGRAM MEMORY FETCH TIMING DIAGRAM
Operating Conditions: 2.0V <VCC <5.5V, -40°C <TA <125°C, FOSC max = 25MHz, unless otherwise stated.
TABLE 22-7:
8-BIT PROGRAM MEMORY FETCH TIMING REQUIREMENTS
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
150
TadV2alL
Address out valid to ALE
↓ (address setup time)
0.25TCY-10
——
ns
151
TalL2adl
ALE
↓ to address out invalid (address hold time)
5
——
ns
161
ToeH2adD
OE
↑ to AD driven
0.125TCY-5
——
ns
162
TadV2oeH
LS data valid before OE
↑ (data setup time)
20
——
ns
162A
TadV2oeH
MS data valid before OE
↑ (data setup time)
0.25TCY+20
——
ns
163
ToeH2adl
OE
↑ to data in invalid (data hold time)
0
——
ns
166
TalH2alH
ALE
↑ to ALE↑ (cycle time)
—
0.25TCY
—
ns
170
TubH2oeH
BA0 = 0 valid before OE
↑
0.25TCY-10
——
ns
170A
TubL2oeH
BA0 = 1 valid before OE
↑
0.5TCY-10
——
ns
Q1
Q2
Q3
Q4
Q1
Q2
OSC1
ALE
OE
Address
Data
170
161
162
163
AD<7:0>
Address
Address
A<19:8>
Address
162A
BA0
Data
170A
CS1
CS2
or CSIO
151
150
166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com