Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 282 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 282 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 278Page - Microchip Technology DM163006 Datasheet HTML 279Page - Microchip Technology DM163006 Datasheet HTML 280Page - Microchip Technology DM163006 Datasheet HTML 281Page - Microchip Technology DM163006 Datasheet HTML 282Page - Microchip Technology DM163006 Datasheet HTML 283Page - Microchip Technology DM163006 Datasheet HTML 284Page - Microchip Technology DM163006 Datasheet HTML 285Page - Microchip Technology DM163006 Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 320 page
background image
PIC18C601/801
DS39541A-page 282
Advance Information
 2001 Microchip Technology Inc.
FIGURE 22-12:
CAPTURE/COMPARE/PWM TIMINGS (CCP1 AND CCP2)
TABLE 22-11: CAPTURE/COMPARE/PWM REQUIREMENTS (CCP1 AND CCP2)
Note: Refer to Figure 22-4 for load conditions.
CCPx
(Capture mode)
50
51
52
CCPx
53
54
(Compare or PWM mode)
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
50
TccL
CCPx input low
time
No Prescaler
0.5TCY + 20
—
ns
With
Prescaler
PIC18C601/801
10
—
ns
PIC18LC601/801
20
—
ns
51
TccH
CCPxinputhigh
time
No Prescaler
0.5TCY + 20
—
ns
With
Prescaler
PIC18C601/801
10
—
ns
PIC18LC601/801
20
—
ns
52
TccP
CCPx input period
3TCY + 40
N
—
ns
N = prescale
value (1, 4 or 16)
53
TccR
CCPx output fall time
PIC18C601/801
—
25
ns
PIC18LC601/801
—
45
ns
54
TccF
CCPx output fall time
PIC18C601/801
—
25
ns
PIC18LC601/801
—
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com