Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 285 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 285 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 281Page - Microchip Technology DM163006 Datasheet HTML 282Page - Microchip Technology DM163006 Datasheet HTML 283Page - Microchip Technology DM163006 Datasheet HTML 284Page - Microchip Technology DM163006 Datasheet HTML 285Page - Microchip Technology DM163006 Datasheet HTML 286Page - Microchip Technology DM163006 Datasheet HTML 287Page - Microchip Technology DM163006 Datasheet HTML 288Page - Microchip Technology DM163006 Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 285
PIC18C601/801
FIGURE 22-15:
EXAMPLE SPI SLAVE MODE TIMING (CKE = 0)
SS
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
70
71
72
73
74
75, 76
77
78
79
80
79
78
SDI
MSb
LSb
Bit6 - - - - - -1
MSb In
Bit6 - - - -1
LSb In
83
Note: Refer to Figure 22-4 for load conditions.
TABLE 22-14: EXAMPLE SPI MODE REQUIREMENTS (SLAVE MODE TIMING (CKE = 0))
Param
No.
Symbol
Characteristic
Min
Max Units
Conditions
70
TssL2scH,
TssL2scL
SS
↓ to SCK↓ or SCK↑ input
TCY
—
ns
71
TscH
SCK input high time
(Slave mode)
Continuous
1.25TCY + 30
—
ns
71A
Single Byte
40
—
ns
(Note 1)
72
TscL
SCK input low time
(Slave mode)
Continuous
1.25TCY + 30
—
ns
72A
Single Byte
40
—
ns
(Note 1)
73
TdiV2scH,
TdiV2scL
Setup time of SDI data input to SCK edge
100
—
ns
73A
TB2B
Last clock edge of Byte1 to the 1st clock edge of Byte2 1.5TCY + 40
—
ns
(Note 2)
74
TscH2diL,
TscL2diL
Hold time of SDI data input to SCK edge
100
—
ns
75
TdoR
SDO data output rise time
PIC18C601/801
—
25
ns
PIC18LC601/801
45
ns
76
TdoF
SDO data output fall time
—
25
ns
77
TssH2doZ
SS
↑ to SDO output hi-impedance
10
50
ns
78
TscR
SCK output rise time
(Master mode)
PIC18C601/801
—
25
ns
PIC18LC601/801
45
ns
79
TscF
SCK output fall time (Master mode)
—
25
ns
80
TscH2doV,
TscL2doV
SDO data output valid after SCK
edge
PIC18C601/801
—
50
ns
PIC18LC601/801
100
ns
83
TscH2ssH,
TscL2ssH
SS
↑ after SCK edge
1.5TCY + 40
—
ns
Note 1: Requires the use of parameter # 73A.
2: Only if parameter #s 71A and 72A are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com