Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 292 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 292 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 288Page - Microchip Technology DM163006 Datasheet HTML 289Page - Microchip Technology DM163006 Datasheet HTML 290Page - Microchip Technology DM163006 Datasheet HTML 291Page - Microchip Technology DM163006 Datasheet HTML 292Page - Microchip Technology DM163006 Datasheet HTML 293Page - Microchip Technology DM163006 Datasheet HTML 294Page - Microchip Technology DM163006 Datasheet HTML 295Page - Microchip Technology DM163006 Datasheet HTML 296Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 320 page
background image
PIC18C601/801
DS39541A-page 292
Advance Information
 2001 Microchip Technology Inc.
TABLE 22-22: A/D CONVERTER CHARACTERISTICS: PIC18C601/801 (INDUSTRIAL, EXTENDED)
PIC18LC601/801 (INDUSTRIAL)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
A01
NR
Resolution
—
—
—
—
10
TBD
bit
bit
VREF = VDD
≥ 3.0V
VREF = VDD
< 3.0V
A03
EIL
Integral linearity error
—
—
—
—
<±1
TBD
LSb
LSb
VREF = VDD
≥ 3.0V
VREF = VDD
< 3.0V
A04
EDL
Differential linearity error
—
—
—
—
<±1
TBD
LSb
LSb
VREF = VDD
≥ 3.0V
VREF = VDD
< 3.0V
A05
EFS
Full scale error
—
—
—
—
<±1
TBD
LSb
LSb
VREF = VDD
≥ 3.0V
VREF = VDD
< 3.0V
A06
EOFF
Offset error
—
—
—
—
<±1
TBD
LSb
LSb
VREF = VDD
≥ 3.0V
VREF = VDD
< 3.0V
A10
—
Monotonicity
guaranteed(3)
—
VSS
≤ VAIN ≤ VREF
A20
VREF
Reference voltage
(VREFH - VREFL)
0
——
V
A20A
3
——
V
For 10-bit resolution
A21
VREFH
Reference voltage High
AVSS
—
AVDD + 0.3 V
V
A22
VREFL
Reference voltage Low
AVSS - 0.3 V
—
AVDD
V
A25
VAIN
Analog input voltage
AVSS - 0.3 V
—
VREF + 0.3 V
V
A30
ZAIN
Recommended impedance of
analog voltage source
——
10.0
k
Ω
A40
IAD
A/D conversion
current (VDD)
PIC18C601/801
—
180
—
µA Average current
consumption when
A/D is on(1)
PIC18LC601/801
—
90
—
µA
A50
IREF
VREF input current(2)
10
—
—
—
1000
10
µA
µA
During VAIN acquisition.
Based on differential of
VHOLD to VAIN. To
charge CHOLD, see
Section 17.0.
During A/D conversion
cycle.
Note 1: When A/D is off, it will not consume any current other than minor leakage current. The power-down current
spec includes any such leakage from the A/D module.
VREF current is from RA2/AN2/VREF- and RA3/AN3/VREF+ pins or AVDD and AVSS pins, whichever is
selected as reference input.
2: Vss
≤ VAIN ≤ VREF
3: The A/D conversion result either increases or remains constant as the analog input increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com