Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 293 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 293 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 289Page - Microchip Technology DM163006 Datasheet HTML 290Page - Microchip Technology DM163006 Datasheet HTML 291Page - Microchip Technology DM163006 Datasheet HTML 292Page - Microchip Technology DM163006 Datasheet HTML 293Page - Microchip Technology DM163006 Datasheet HTML 294Page - Microchip Technology DM163006 Datasheet HTML 295Page - Microchip Technology DM163006 Datasheet HTML 296Page - Microchip Technology DM163006 Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 293
PIC18C601/801
FIGURE 22-23:
A/D CONVERSION TIMING
TABLE 22-23: A/D CONVERSION REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
130
TAD
A/D clock period
PIC18C601/801
1.6
20(5)
µsTOSC based, VREF ≥ 3.0V
PIC18LC601/801
3.0
20(5)
µsTOSC based, VREF full range
PIC18C601/801
2.0
6.0
µsA/D RC mode
PIC18LC601/801
3.0
9.0
µsA/D RC mode
131
TCNV
Conversion time
(not including acquisition time)(1)
11
12
TAD
132
TACQ
Acquisition time(3)
15
10
—
—
µs
µs
-40
°C ≤ Temp ≤ 125°C
0
°C ≤ Temp ≤ 125°C
135
TSWC
Switching time from convert
→ sample
—
(Note 4)
136
TAMP
Amplifier settling time(2)
1
—
µs
This may be used if the “new”
input voltage has not
changed by more than 1 LSb
(i.e., 5 mV @ 5.12V) from the
last sampled voltage (as
stated on CHOLD).
Note 1: ADRES register may be read on the following TCY cycle.
2: See Section 17.0 for minimum conditions, when input voltage has changed more than 1 LSb.
3: The time for the holding capacitor to acquire the “New” input voltage, when the voltage changes full scale
after the conversion (AVDD to AVSS, or AVSS to AVDD). The source impedance (RS) on the input channels is
50
Ω.
4: On the next Q4 cycle of the device clock.
5: The time of the A/D clock period is dependent on the device frequency and the TAD clock divider.
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(Note 2)
98
7
2
1
0
Note
1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts.This allows the
SLEEP
instruction to be executed.
2: This is a minimal RC delay (typically 100 ns), which also disconnects the holding capacitor from the analog input.
. . .
. . .
TCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com