Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 290 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 290 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 286Page - Microchip Technology DM163006 Datasheet HTML 287Page - Microchip Technology DM163006 Datasheet HTML 288Page - Microchip Technology DM163006 Datasheet HTML 289Page - Microchip Technology DM163006 Datasheet HTML 290Page - Microchip Technology DM163006 Datasheet HTML 291Page - Microchip Technology DM163006 Datasheet HTML 292Page - Microchip Technology DM163006 Datasheet HTML 293Page - Microchip Technology DM163006 Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 320 page
background image
PIC18C601/801
DS39541A-page 290
Advance Information
 2001 Microchip Technology Inc.
TABLE 22-19: MASTER SSP I2C BUS DATA REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock high time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
101
TLOW
Clock low time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
102
TR
SDA and SCL
rise time
100 kHz mode
—
1000
ns
Cb is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1Cb
300
ns
1 MHz mode(1)
—
300
ns
103
TF
SDA and SCL
fall time
100 kHz mode
—
300
ns
Cb is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1Cb
300
ns
1 MHz mode(1)
—
100
ns
90
TSU:STA
START condition
setup time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
Only relevant for
Repeated START
condition
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
91
THD:STA
START condition
hold time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
After this period, the first
clock pulse is generated
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
106
THD:DAT
Data input
hold time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9
ms
1 MHz mode(1)
TBD
—
ns
107
TSU:DAT
Data input
setup time
100 kHz mode
250
—
ns
(Note 2)
400 kHz mode
100
—
ns
1 MHz mode(1)
TBD
—
ns
92
TSU:STO
STOP condition
setup time
100 kHz mode
2(TOSC)(BRG + 1)
—
ms
400 kHz mode
2(TOSC)(BRG + 1)
—
ms
1 MHz mode(1)
2(TOSC)(BRG + 1)
—
ms
109
TAA
Output valid from
clock
100 kHz mode
—
3500
ns
400 kHz mode
—
1000
ns
1 MHz mode(1)
——
ns
110
TBUF
Bus free time
100 kHz mode
4.7
—
ms
Time the bus must be
free before a new
transmission can start
400 kHz mode
1.3
—
ms
1 MHz mode(1)
TBD
—
ms
D102
Cb
Bus capacitive loading
—
400
pF
Note 1: Maximum pin capacitance = 10 pF for all I2C pins.
2: A fast mode I2C bus device can be used in a standard mode I2C bus system, but parameter #107
≥ 250 ns
must then be met. This will automatically be the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit
to the SDA line. Before the SCL line is released, parameter #102 + parameter
#107 = 1000 + 250 = 1250 ns (for 100 kHz mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com