Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 299 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 299 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 295Page - Microchip Technology DM163006 Datasheet HTML 296Page - Microchip Technology DM163006 Datasheet HTML 297Page - Microchip Technology DM163006 Datasheet HTML 298Page - Microchip Technology DM163006 Datasheet HTML 299Page - Microchip Technology DM163006 Datasheet HTML 300Page - Microchip Technology DM163006 Datasheet HTML 301Page - Microchip Technology DM163006 Datasheet HTML 302Page - Microchip Technology DM163006 Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 299
PIC18C601/801
64-Lead Plastic Thin Quad Flatpack (PT) 10x10x1 mm Body, 1.0/0.10 mm Lead Form (TQFP)
* Controlling Parameter
Notes:
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-026
Drawing No. C04-085
15
10
5
15
10
5
β
Mold Draft Angle Bottom
15
10
5
15
10
5
α
Mold Draft Angle Top
0.27
0.22
0.17
.011
.009
.007
B
Lead Width
0.23
0.18
0.13
.009
.007
.005
c
Lead Thickness
16
16
n1
Pins per Side
10.10
10.00
9.90
.398
.394
.390
D1
Molded Package Length
10.10
10.00
9.90
.398
.394
.390
E1
Molded Package Width
12.25
12.00
11.75
.482
.472
.463
D
Overall Length
12.25
12.00
11.75
.482
.472
.463
E
Overall Width
7
3.5
0
7
3.5
0
φ
Foot Angle
0.75
0.60
0.45
.030
.024
.018
L
Foot Length
0.25
0.15
0.05
.010
.006
.002
A1
Standoff
§
1.05
1.00
0.95
.041
.039
.037
A2
Molded Package Thickness
1.20
1.10
1.00
.047
.043
.039
A
Overall Height
0.50
.020
p
Pitch
64
64
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
c
2
1
n
D
D1
B
p
#leads=n1
E1
E
A2
A1
A
L
CH x 45
°
β
φ
α
(F)
Footprint (Reference)
(F)
.039
1.00
Pin 1 Corner Chamfer
CH
.025
.035
.045
0.64
0.89
1.14
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com