Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 301 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 301 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 297Page - Microchip Technology DM163006 Datasheet HTML 298Page - Microchip Technology DM163006 Datasheet HTML 299Page - Microchip Technology DM163006 Datasheet HTML 300Page - Microchip Technology DM163006 Datasheet HTML 301Page - Microchip Technology DM163006 Datasheet HTML 302Page - Microchip Technology DM163006 Datasheet HTML 303Page - Microchip Technology DM163006 Datasheet HTML 304Page - Microchip Technology DM163006 Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 301
PIC18C601/801
80-Lead Plastic Thin Quad Flatpack (PT) 12x12x1 mm Body, 1.0/0.10 mm Lead Form (TQFP)
* Controlling Parameter
Notes:
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-026
Drawing No. C04-092
1.10
1.00
.043
.039
1.14
0.89
0.64
.045
.035
.025
CH
Pin 1 Corner Chamfer
1.00
.039
(F)
Footprint (Reference)
(F)
E
E1
#leads=n1
p
B
D1
D
n
1
2
φ
c
β
L
A
A1
A2
α
Units
INCHES
MILLIMETERS*
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
80
80
Pitch
p
.020
0.50
Overall Height
A
.047
1.20
Molded Package Thickness
A2
.037
.039
.041
0.95
1.00
1.05
Standoff
§
A1
.002
.004
.006
0.05
0.10
0.15
Foot Length
L
.018
.024
.030
0.45
0.60
0.75
Foot Angle
φ
03.5
7
0
3.5
7
Overall Width
E
.541
.551
.561
13.75
14.00
14.25
Overall Length
D
.541
.551
.561
13.75
14.00
14.25
Molded Package Width
E1
.463
.472
.482
11.75
12.00
12.25
Molded Package Length
D1
.463
.472
.482
11.75
12.00
12.25
Pins per Side
n1
20
20
Lead Thickness
c
.004
.006
.008
0.09
0.15
0.20
Lead Width
B
.007
.009
.011
0.17
0.22
0.27
Mold Draft Angle Top
α
5
10
15
5
10
15
Mold Draft Angle Bottom
β
5
10
15
5
10
15
CH x 45
°
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com