Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 300 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 300 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 296Page - Microchip Technology DM163006 Datasheet HTML 297Page - Microchip Technology DM163006 Datasheet HTML 298Page - Microchip Technology DM163006 Datasheet HTML 299Page - Microchip Technology DM163006 Datasheet HTML 300Page - Microchip Technology DM163006 Datasheet HTML 301Page - Microchip Technology DM163006 Datasheet HTML 302Page - Microchip Technology DM163006 Datasheet HTML 303Page - Microchip Technology DM163006 Datasheet HTML 304Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 320 page
background image
PIC18C601/801
DS39541A-page 300
Advance Information
 2001 Microchip Technology Inc.
68-Lead Plastic Leaded Chip Carrier (L) – Square (PLCC)
10
5
0
10
5
0
β
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.53
0.51
0.33
.021
.020
.013
B
Lower Lead Width
0.81
0.74
0.66
.032
.029
.026
B1
Upper Lead Width
0.33
0.27
0.20
.013
.011
.008
c
Lead Thickness
17
17
n1
Pins per Side
23.62
23.37
22.61
.930
.920
.890
D2
Footprint Length
23.62
23.37
22.61
.930
.920
.890
E2
Footprint Width
24.33
24.23
24.13
.958
.954
.950
D1
Molded Package Length
24.33
24.23
24.13
.958
.954
.950
E1
Molded Package Width
25.27
25.15
25.02
.995
.990
.985
D
Overall Length
25.27
25.15
25.02
.995
.990
.985
E
Overall Width
0.25
0.13
0.00
.010
.005
.000
CH2
Corner Chamfer (others)
1.27
1.14
1.02
.050
.045
.040
CH1
Corner Chamfer 1
0.86
0.74
0.61
.034
.029
.024
A3
Side 1 Chamfer Height
0.51
.020
A1
Standoff
§
A2
Molded Package Thickness
4.57
4.39
4.19
.180
.173
.165
A
Overall Height
1.27
.050
p
Pitch
68
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
β
A2
c
E2
2
D
D1
n
#leads=n1
E
E1
1
α
p
B
A3
A
B1
32
°
D2
68
A1
.145
.153
.160
3.68
3.87
4.06
.028
.035
0.71
0.89
CH1 x 45
°
CH2 x 45
°
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MO-047
Drawing No. C04-049
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com