| Electronic Components Datasheet Search |
|
DM163006 Datasheet(PDF) 110 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM163006 Datasheet(HTML) 110 Page - Microchip Technology |
|
110 / 320 page ![]() PIC18C601/801 DS39541A-page 110 Advance Information 2001 Microchip Technology Inc. 9.4 PORTD, TRISD and LATD Registers PORTD is an 8-bit wide, bi-directional port. The corre- sponding data direction register is TRISD. Setting a TRISD bit (= 1) will make the corresponding PORTD pin an input (i.e., put the corresponding output driver in a Hi-Impedance mode). Clearing a TRISD bit (= 0) will make the corresponding PORTD pin an output (i.e., put the contents of the output latch on the selected pin). Read-modify-write operations on the LATD register reads and writes the latched output value for PORTD. PORTD is an 8-bit port with Schmitt Trigger input buff- ers. Each pin is individually configurable as an input or output. PORTD is multiplexed with the system bus and is avail- able only when the system bus is disabled, by setting EBIDS bit in register MEMCON. When operating as the system bus, PORTD is the low order byte of the address/data bus (AD7:AD0), or as the low order address byte (A15:A8) if the address and data buses are de-multiplexed. EXAMPLE 9-4: INITIALIZING PORTD FIGURE 9-7: PORTD BLOCK DIAGRAM IN I/O MODE Note: On a Power-on Reset, PORTD defaults to the system bus. CLRF PORTD ; Initialize PORTD by ; clearing output ; data latches CLRF LATD ; Alternate method ; to clear output ; data latches MOVLW 0CFh ; Value used to ; initialize data ; direction MOVWF TRISD ; Set RD3:RD0 as inputs ; RD5:RD4 as outputs ; RD7:RD6 as inputs Data Bus WR LATD WR TRISD RD PORTD Data Latch TRIS Latch RD TRISD Schmitt Trigger Input Buffer I/O pin Q D CK Q D CK EN QD EN RD LATD or WR PORTD Note: I/O pins have diode protection to VDD and VSS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |