Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 112 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 112 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 108Page - Microchip Technology DM163006 Datasheet HTML 109Page - Microchip Technology DM163006 Datasheet HTML 110Page - Microchip Technology DM163006 Datasheet HTML 111Page - Microchip Technology DM163006 Datasheet HTML 112Page - Microchip Technology DM163006 Datasheet HTML 113Page - Microchip Technology DM163006 Datasheet HTML 114Page - Microchip Technology DM163006 Datasheet HTML 115Page - Microchip Technology DM163006 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 320 page
background image
PIC18C601/801
DS39541A-page 112
Advance Information
 2001 Microchip Technology Inc.
TABLE 9-7:
PORTD FUNCTIONS
TABLE 9-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit#
Buffer Type
Function
RD0/AD0/A0(2)
bit0
ST/TTL(1)
Input/output port pin or system bus bit 0
RD1/AD1/A1(2)
bit1
ST/TTL(1)
Input/output port pin or system bus bit 1
RD2/AD2/A2(2)
bit2
ST/TTL(1)
Input/output port pin or system bus bit 2
RD3/AD3/A3(2)
bit3
ST/TTL(1)
Input/output port pin or system bus bit 3
RD4/AD4/A4(3)
bit4
ST/TTL(1)
Input/output port pin or system bus bit 4
RD5/AD5/A5(2)
bit5
ST/TTL(1)
Input/output port pin or system bus bit 5
RD6/AD6/A6(2)
bit6
ST/TTL(1)
Input/output port pin or system bus bit 6
RD7/AD7/A7(2)
bit7
ST/TTL(1)
Input/output port pin or system bus bit 7
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1: Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in System Bus mode.
2: RDx is used as a multiplexed address/data bus for PIC18C601 and PIC18C801 in 16-bit mode, and as an
address only for PIC18C801 in 8-bit mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on all
other
RESETS
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
LATD
LATD Data Output Register
xxxx xxxx
uuuu uuuu
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
MEMCON
EBDIS
PGRM
WAIT1
WAIT0
—
—
WM1
WM0
0000 --00
0000 --00
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com