Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 116 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 116 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 112Page - Microchip Technology DM163006 Datasheet HTML 113Page - Microchip Technology DM163006 Datasheet HTML 114Page - Microchip Technology DM163006 Datasheet HTML 115Page - Microchip Technology DM163006 Datasheet HTML 116Page - Microchip Technology DM163006 Datasheet HTML 117Page - Microchip Technology DM163006 Datasheet HTML 118Page - Microchip Technology DM163006 Datasheet HTML 119Page - Microchip Technology DM163006 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 320 page
background image
PIC18C601/801
DS39541A-page 116
Advance Information
 2001 Microchip Technology Inc.
9.6
PORTF, LATF, and TRISF
Registers
PORTF is an 8-bit wide, bi-directional port. The corre-
sponding data direction register is TRISF. Setting a
TRISF bit (= 1) will make the corresponding PORTF pin
an input (i.e., put the corresponding output driver in a
Hi-Impedance mode). Clearing a TRISF bit (= 0) will
make the corresponding PORTF pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATF register
reads and writes the latched output value for PORTF.
PORTF pins, RF2:RF0, are multiplexed with analog
inputs. The operation of these pins are selected by
ADCON0 and ADCON1 registers.
PORTF pins, RF3 and RF5, are multiplexed with two of
the integrated chip select signals CSIO and CS1. For
PIC18C801, pin RF4 is multiplexed with chip select sig-
nal CS2, while for PIC18C601, it is multiplexed with
system bus signal A16. For PIC18C801 devices, both
CSEL2 and CSELIO registers must set to all zero, to
enable these pins as I/O pins, while for PIC18C601
devices, only CSELIO register needs to be set to zero.
For PIC18C601 devices, pin RF4 can only be config-
ured as I/O when the EBDIS bit is set and execution is
taking place in internal Boot RAM.
PORTF pins, RF7:RF6, are multiplexed with the sys-
tem bus control signal UB and LB, respectively, when a
device with 16-bit bus execution is used. These pins
can be configured as I/O pins by setting WM bits in the
MEMCON register to any value other than ’01’.
EXAMPLE 9-6:
INITIALIZING PORTF
EXAMPLE 9-7:
PROGRAMMING CHIP
SELECT SIGNALS
FIGURE 9-11:
RF2:RF0 PINS BLOCK
DIAGRAM
Note 1: On
Power-on
Reset,
PORTF
pins
RF2:RF0 default to A/D inputs.
2: On
Power-on
Reset,
PORTF
pins
RF7:RF3
for
PIC18C801
and
pins
RF7:RF5, RF3 for PIC18C601, default to
system bus signals.
CLRF
PORTF
; Initialize PORTF by
; clearing output
; data latches
CLRF
LATF
; Alternate method
; to clear output
; data latches
MOVLW
0Fh
;
MOVWF
ADCON1
; Set PORTF as digital I/O
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISF
; Set RF3:RF0 as inputs
; RF5:RF4 as outputs
; RF7:RF6 as inputs
•
•
; Program chip select to activate CS1
; for all address less than 03FFFFh,
; while activate CS2 for rests of the
; addresses
; CSEL2 register is secured register.
; Before it can be modified it,
; combination lock must be opened
MOVLW 20h
; Preload WREG with
; correct CSEL2 valu
BCF INTCON, GIE
; Disable interrupts
CALL UNLOCK
; Now unlock it
; Lock is open.
Modify CSEL2...
MOVWF CSEL2
; Lock is closed
BSF INTCON, GIE
; Re-enable interrupts
; Chip select is programmed.
•
•
UNLOCK
BSF PSPCON, CMLK1
BSF PSPCON, CMLK0
RETURN
•
•
Data Bus
Q
D
Q
CK
Q
D
Q
CK
P
N
WR LATF
WR TRISF
Data Latch
TRIS Latch
RD TRISF
RD PORTF
VSS
VDD
I/O pin
Analog
Input
Mode
ST
Input
Buffer
To A/D Converter
RD LATF
or
WR PORTF
Note:
I/O pins have diode protection to VDD and VSS.
QD
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com