Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 120 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 120 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 116Page - Microchip Technology DM163006 Datasheet HTML 117Page - Microchip Technology DM163006 Datasheet HTML 118Page - Microchip Technology DM163006 Datasheet HTML 119Page - Microchip Technology DM163006 Datasheet HTML 120Page - Microchip Technology DM163006 Datasheet HTML 121Page - Microchip Technology DM163006 Datasheet HTML 122Page - Microchip Technology DM163006 Datasheet HTML 123Page - Microchip Technology DM163006 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 320 page
background image
PIC18C601/801
DS39541A-page 120
Advance Information
 2001 Microchip Technology Inc.
FIGURE 9-15:
PORTG BLOCK DIAGRAM IN SYSTEM BUS MODE
TABLE 9-13:
PORTG FUNCTIONS
TABLE 9-14:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTG
External Enable
Control Out
Drive System
System Bus
Control
Data Bus
WR LATG
WR TRISG
RD PORTG
Data Latch
TRIS Latch
RD TRISG
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATG
or
PORTG
0
1
Port
Data
Note 1: I/O pins have diode protection to VDD and VSS.
Name
Bit#
Buffer Type
Function
RG0/ALE
bit0
ST
Input/output port pin or Address Latch Enable signal for external memory
RG1/OE
bit1
ST
Input/output port pin or Output Enable signal for external memory
RG2/WRL
bit2
ST
Input/output port pin or Write Low byte signal for external memory
RG3/WRH
bit3
ST
Input/output port pin or Write High byte signal for external memory
RG4/BA0
bit4
ST
Input/output port pin or Byte Address 0 signal for external memory
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other
RESETS
TRISG
PORTG Data Direction Control Register
---1 1111
---1 1111
PORTG
Read PORTG pin/Write PORTG Data Latch
---x xxxx
---u uuuu
LATG
Read PORTG Data Latch/Write PORTG Data Latch
---x xxxx
---u uuuu
MEMCON
EBDIS
PGRM
WAIT1
WAIT0
—
—
WM1
WM0
0000 --00
0000 --00
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com