Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 124 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 124 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 120Page - Microchip Technology DM163006 Datasheet HTML 121Page - Microchip Technology DM163006 Datasheet HTML 122Page - Microchip Technology DM163006 Datasheet HTML 123Page - Microchip Technology DM163006 Datasheet HTML 124Page - Microchip Technology DM163006 Datasheet HTML 125Page - Microchip Technology DM163006 Datasheet HTML 126Page - Microchip Technology DM163006 Datasheet HTML 127Page - Microchip Technology DM163006 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 320 page
background image
PIC18C601/801
DS39541A-page 124
Advance Information
 2001 Microchip Technology Inc.
9.9
PORTJ, LATJ, and TRISJ
Registers
PORTJ is an 8-bit wide, bi-directional I/O port. The cor-
responding data direction register is TRISJ. Setting a
TRISJ bit (= 1) will make the corresponding PORTJ pin
an input (i.e., put the corresponding output driver in a
Hi-Impedance mode). Clearing a TRISJ bit (= 0) will
make the corresponding PORTJ pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATJ register
read and write the latched output value for PORTJ.
PORTJ is multiplexed with de-multiplexed system data
bus D7:D0, when device is configured in 8-bit execution
mode. Register MEMCON configures PORTJ as I/O or
system bus pins.
EXAMPLE 9-10:
INITIALIZING PORTJ
FIGURE 9-19:
PORTJ BLOCK DIAGRAM
IN I/O MODE
Note:
PORTJ is available only on PIC18C801
devices.
Note:
On Power-on Reset, PORTJ defaults to
system bus signals.
CLRF
PORTJ
; Initialize PORTJ by
; clearing output
; data latches
CLRF
LATJ
; Alternate method
; to clear output
; data latches
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISJ
; Set RJ3:RJ0 as inputs
; RJ5:RJ4 as outputs
; RJ7:RJ6 as inputs
Data
Bus
WR LATJ
WR TRISJ
RD PORTJ
Data Latch
TRIS Latch
RD TRISJ
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATJ
or
PORTJ
Note 1: I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com