Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 119 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 119 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 115Page - Microchip Technology DM163006 Datasheet HTML 116Page - Microchip Technology DM163006 Datasheet HTML 117Page - Microchip Technology DM163006 Datasheet HTML 118Page - Microchip Technology DM163006 Datasheet HTML 119Page - Microchip Technology DM163006 Datasheet HTML 120Page - Microchip Technology DM163006 Datasheet HTML 121Page - Microchip Technology DM163006 Datasheet HTML 122Page - Microchip Technology DM163006 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 119
PIC18C601/801
9.7
PORTG, LATG, and TRISG
Registers
PORTG is a 5-bit wide, bi-directional port. The corre-
sponding data direction register is TRISG. Setting a
TRISG bit (= 1) will make the corresponding PORTG
pin an input (i.e., put the corresponding output driver in
a Hi-Impedance mode). Clearing a TRISG bit (= 0) will
make the corresponding PORTG pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATG register
read and write the latched output value for PORTG.
PORTG is multiplexed with system bus control signals
ALE, OE, WRH, WRL and BA0. The WRH signal is the
only signal that is disabled and configured as a port pin
(RG3) during external program execution in 8-bit mode.
All other pins are by default, system bus control sig-
nals. PORTG can be configured as an I/O port by set-
ting EBDIS bit in the MEMCON register and when
execution is taking place in internal program RAM.
EXAMPLE 9-8:
INITIALIZING PORTG
FIGURE 9-14:
PORTG BLOCK DIAGRAM
IN I/O MODE
Note:
On Power-on Reset, PORTG defaults to
system bus signals.
CLRF
PORTG
; Initialize PORTG by
; clearing output
; data latches
CLRF
LATG
; Alternate method
; to clear output
; data latches
MOVLW
04h
; Value used to
; initialize data
; direction
MOVWF
TRISG
; Set RG1:RG0 as outputs
; RG2 as input
; RG4:RG3 as outputs
Data
Bus
WR LATG
WR TRISG
RD PORTG
Data Latch
TRIS Latch
RD TRISG
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATG
or
PORTG
Note 1: I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com