Electronic Components Datasheet Search
  English  ▼

X  

ADA4610S Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4610S
Description  Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610S Datasheet(HTML) 4 Page - Analog Devices

  ADA4610S Datasheet HTML 1Page - Analog Devices ADA4610S Datasheet HTML 2Page - Analog Devices ADA4610S Datasheet HTML 3Page - Analog Devices ADA4610S Datasheet HTML 4Page - Analog Devices ADA4610S Datasheet HTML 5Page - Analog Devices ADA4610S Datasheet HTML 6Page - Analog Devices ADA4610S Datasheet HTML 7Page - Analog Devices ADA4610S Datasheet HTML 8Page - Analog Devices ADA4610S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADA4610S
ASD0016547 Rev. A | Page 4 of 18
Parameter
See notes at end of table
Symbol
Conditions 1/
Unless otherwise specified
Sub-Group
Limit
Min
Limit
Max
Units
TRANSIENT RESPONSE
Rise Time
tR
VIN = 5 mVp-p, RL = 2 kΩ,
CL = 100pF, AV =-1
2/ 3/ 6/
4
31
nS
5
57
6
24
Fall Time
tF
VIN = 5 mVp-p, RL = 2 kΩ,
CL = 100pF, AV =-1
2/ 3/ 6/
4
51
nS
5
69
6
39
Settling Time
+TS
0.1% error, AV =-1
2/ 3/
4
430
nS
5
540
6
410
-TS
0.1% error, AV =-1
2/ 3/
4
450
nS
5
670
6
650
Overshoot
+OVR VIN = 5 mVp-p, RL = 2 kΩ,
CL = 100pF, AV =-1
2/ 3/
4
12
nS
5,6
14
-OVR
VIN = 5 mVp-p, RL = 2 kΩ,
CL = 100pF, AV =-1
2/ 3/
4,5,6
20
nS
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
VIN = 5 mVp-p, RL = 2 kΩ,
AV = -100
2/ 3/
4
17
MHz
5
9
6
24
Slew Rate
+SR
RL = 2 kΩ, CL = 100pF 2/ 3/ 6/
4
25
V/µs
5
13
6
33
-SR
RL = 2 kΩ, CL = 100pF 2/ 3/ 6/
4
-17
V/µs
5
-11
6
-19
NOISE PERFORMANCE
Peak-to-Peak Voltage
Noise
en p-p 0.1 Hz to 10 Hz bandwidth
2/ 3/
4
1.7
µV p-p
5
4
6
3.2
Voltage Noise Density
en
f = 10 kHz
2/ 3/
4
7.3
nV/√Hz
5
10.5
6
5.5
TABLE IA NOTES:
1/ TA nom = 25ºC, TA max = 125ºC, TA min = -55ºC and VCM = 0V unless otherwise noted
2/ Parameter is part of device initial characterization which is only repeated after design and process changes or with subsequent wafer lots.
3/ Parameter is not tested post irradiation
4/ Calculated from 25ºC to -55ºC, 25ºC to 125ºC and -55ºC to 125ºC
5/ Input bias current increases exponentially as T>45°C. See Figure 10 in Section 7.0 Application Notes.
6/ Measured from 10% to 90% and 90% to 10% of output swing.
7/ While the ADA4610 is internally short circuit protected, this may not be sufficient to guarantee that the maximum junction temperature is not exceeded
under all conditions. Do not exceed maximum Tj in application with output current load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com