Electronic Components Datasheet Search
  English  ▼

X  

ADA4610S Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4610S
Description  Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610S Datasheet(HTML) 1 Page - Analog Devices

  ADA4610S Datasheet HTML 1Page - Analog Devices ADA4610S Datasheet HTML 2Page - Analog Devices ADA4610S Datasheet HTML 3Page - Analog Devices ADA4610S Datasheet HTML 4Page - Analog Devices ADA4610S Datasheet HTML 5Page - Analog Devices ADA4610S Datasheet HTML 6Page - Analog Devices ADA4610S Datasheet HTML 7Page - Analog Devices ADA4610S Datasheet HTML 8Page - Analog Devices ADA4610S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Low Noise, Precision, Rail to Rail Output,
JFET Dual Operational Amplifier
ADA4610S
ASD0016547
Rev. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its use,
nor for any infringements of patents or other rights of third parties that may
result from its use. Specifications subject to change without notice. No license
is granted by implication or otherwise under any patent or patent rights of
Analog Devices. Trademarks and registered trademarks are the property of
their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2013 Analog Devices, Inc. All rights reserved.
1.0 Scope
1.1. This specification documents the detail requirements for space qualified product manufactured on Analog
Devices, Inc.'s QML certified line per MIL-PRF-38535 Level V except as modified herein.
1.2. The manufacturing flow described in the STANDARD SPACE LEVEL PRODUCTS PROGRAM brochure is to
be considered a part of this specification. http://www.analog.com/aeroinfo
1.3. This data specifically details the space grade version of this product. A more detailed operational description
and a complete data sheet for commercial product grades can be found at http://www.analog.com/ADA4610-
2
2.0 Part Number
2.1. The complete part number(s) of this specification follows:
Specific Part Number
Description
ADA4610R703F
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth, Dual
JFET, Operational Amplifier. Radiation tested to 100Krads (Si)
3.0 Case Outline
3.1. The case outline(s) are as designated in MIL-STD-1835 and as follows:
Outline Letter
Descriptive Designator
Terminals
Package style
X
CDFP3-F10
10 lead
Bottom Brazed Flat Pack
Package: X
Pin Number
Terminal
Symbol
Pin Type
Pin Description
1
NC/GND
N/A
No connection or ground this terminal
2
OUTA
Analog output
Operational amplifier output, Amp-A
3
-INA
Analog input
Operational amplifier negative input, Amp-A
4
+INA
Analog input
Operational amplifier positive input, Amp-A
5
-Vsy
Power
Negative power supply
6
NC/GND
N/A
No connection or ground this terminal
7
+INB
Analog input
Operational amplifier positive input, Amp-B
8
-INB
Analog input
Operational amplifier negative input, Amp-B
9
OUTB
Analog output
Operational amplifier output, Amp-B
10
+Vsy
Power
Positive power supply
Figure 1 – Terminal Connections


Similar Part No. - ADA4610S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
Rail-to-rail output
Rev. G
ADA4610-1 AD-ADA4610-1 Datasheet
1Mb / 30P
Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
Oct-2017
ADA4610-1 AD-ADA4610-1 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
ADA4610-1ARJZ-R2 AD-ADA4610-1ARJZ-R2 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
ADA4610-1ARJZ-R2 AD-ADA4610-1ARJZ-R2 Datasheet
750Kb / 25P
Rail-to-rail output
Rev. G
More results

Similar Description - ADA4610S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641 AD-AD8641 Datasheet
327Kb / 12P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
REV. C
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com