Electronic Components Datasheet Search
  English  ▼

X  

ADA4610S Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4610S
Description  Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610S Datasheet(HTML) 5 Page - Analog Devices

  ADA4610S Datasheet HTML 1Page - Analog Devices ADA4610S Datasheet HTML 2Page - Analog Devices ADA4610S Datasheet HTML 3Page - Analog Devices ADA4610S Datasheet HTML 4Page - Analog Devices ADA4610S Datasheet HTML 5Page - Analog Devices ADA4610S Datasheet HTML 6Page - Analog Devices ADA4610S Datasheet HTML 7Page - Analog Devices ADA4610S Datasheet HTML 8Page - Analog Devices ADA4610S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ADA4610S
ASD0016547 Rev. A | Page 5 of 18
TABLE IB – ELECTRICAL PERFORMANCE CHARACTERISTICS (+/-VSY = +/-15V)
Parameter
See notes at end of table
Symbol
Conditions 1/
Unless otherwise specified
Sub-
Group
Limit
Min
Limit
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
1,3
-0.4
0.4
mV
2
-0.8
0.8
M,D,P,L,R
1
-0.4
0.4
mV
Offset Voltage Drift
∆VOS/∆T 3/4/
2,3
-8
8
µV/°C
Input Bias Current 5/
IB
1,3
-25
25
pA
2
-1.5
1.5
nA
M,D,P,L,R
1
-25
25
pA
Input Offset Current
IOS
1,3
-20
20
pA
2
-0.4
0.4
nA
M,D,P,L,R
1
-20
20
nA
Input Voltage Range
IVR
1,2,3
-12.6
12.6
V
M,D,P,L,R
1
-12.6
12.6
V
Common-Mode
Rejection Ratio
CMRR
VCM = -12.6V to +12.6V
1
100
dB
2,3
96
M,D,P,L,R
1
100
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = -13.5V to +13.5V
1,3
104
dB
2
91
M,D,P,L,R
1
104
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to GND
1,3
14.80
V
2
14.65
M,D,P,L,R
1
14.80
V
RL = 600 Ω to GND
1,3
14.25
V
2
13.35
M,D,P,L,R
1
14.25
V
Output Voltage Low
VOL
RL = 2 kΩ to GND
1,3
-14.85
V
2
-14.75
M,D,P,L,R
1
-14.85
V
RL = 600 Ω to GND
1,3
-14.60
V
2
-14.30
M,D,P,L,R
1
-14.60
V
Short-Circuit Limit 7/
+ISC
Source
1,2
-85
mA
3
-95
M,D,P,L,R
1
-85
mA
-ISC
Sink
1,2
+85
mA
3
+95
M,D,P,L,R
1
+85
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
+/-VSY = ±4.5V to ±18V
1
106
dB
2,3
103
M,D,P,L,R
1
106
dB
Total Supply Current
(Both Amplifiers)
ISY
IO = 0mA
1,3
3.7
mA
2
4
M,D,P,L,R
1
3.7
TRANSIENT RESPONSE
Rise Time
tR
VIN = 5 mVp-p, RL = 2 kΩ,
CL = 100pF, AV =-1
2/ 3/ 6/
4
31
nS
5
57
6
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com