Electronic Components Datasheet Search
  English  ▼

X  

ADA4610S Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4610S
Description  Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610S Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4610S Datasheet HTML 10Page - Analog Devices ADA4610S Datasheet HTML 11Page - Analog Devices ADA4610S Datasheet HTML 12Page - Analog Devices ADA4610S Datasheet HTML 13Page - Analog Devices ADA4610S Datasheet HTML 14Page - Analog Devices ADA4610S Datasheet HTML 15Page - Analog Devices ADA4610S Datasheet HTML 16Page - Analog Devices ADA4610S Datasheet HTML 17Page - Analog Devices ADA4610S Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ADA4610S
ASD0016547 Rev. A | Page 16 of 18
7.3. INPUT OVERVOLTAGE PROTECTION
The ADA4610 have internal protective circuitry that allows voltages as high as 0.7 V beyond the supplies to
be applied at the input of either terminal without causing damage. For higher input voltages, a series resistor
is necessary to limit the input current. The resistor value can be determined from the formula
mA
R
V
V
S
S
IN
5
≤
−
7.4. COMPARATOR OPERATION
Although op amps are quite different from comparators, occasionally an unused section of a dual or a quad op
amp may be used as a comparator; however, this is not recommended for any rail-to-rail output op amp. For
rail-to-rail output op amps, the output stage is generally a ratioed current mirror with bipolar or MOSFET
transistors. With the part operating open loop, the second stage increases the current drive to the ratioed
mirror to close the loop. However, the second stage cannot close the loop, which results in an increase in
supply current. With the op amp configured as a comparator, the supply current can be significantly higher
(see Figure 44). Configuring an unused section as a voltage follower with the noninverting input connected to
a voltage within the input voltage range is recommended. The ADA4610 has a unique output stage design
that reduces the excess supply current, but does not entirely eliminate this effect when the op amp is
operating open loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com