Electronic Components Datasheet Search
  English  ▼

X  

TPS64201DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64201DBVT
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64201DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS64201DBVT Datasheet HTML 5Page - Texas Instruments TPS64201DBVT Datasheet HTML 6Page - Texas Instruments TPS64201DBVT Datasheet HTML 7Page - Texas Instruments TPS64201DBVT Datasheet HTML 8Page - Texas Instruments TPS64201DBVT Datasheet HTML 9Page - Texas Instruments TPS64201DBVT Datasheet HTML 10Page - Texas Instruments TPS64201DBVT Datasheet HTML 11Page - Texas Instruments TPS64201DBVT Datasheet HTML 12Page - Texas Instruments TPS64201DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
9
Figure 14
0
5
10
15
20
25
30
35
40
0
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
6.5
TPS642000
OPERATING QUIESCENT CURRENT
vs
INPUT VOLTAGE
VI − Input Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
TPS64200
OUTPUT VOLTAGE RIPPLE
VI = 3.8 V,
VO = 1.2 V,
RL = 1.2 Ω,
TA = 25°C
VO
I(coil)
IO = 1000 mA
Figure 15
2
ms/Div
Figure 16
VO
VI
VI = 3.8 V to 5 V,
VO = 1.2 V,
RL = 1.2 Ω,
TA = 25°C
TPS64200
LINE TRANSIENT RESPONSE
40
ms/Div
Figure 17
VO
IO
VI = 5 V,
VO = 3.3 V,
IL = 200 mA to 1800 mA,
TA = 25°C
TPS64203
LOAD TRANSIENT RESPONSE
50
ms/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com