Electronic Components Datasheet Search
  English  ▼

X  

TPS64201DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64201DBVT
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64201DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS64201DBVT Datasheet HTML 1Page - Texas Instruments TPS64201DBVT Datasheet HTML 2Page - Texas Instruments TPS64201DBVT Datasheet HTML 3Page - Texas Instruments TPS64201DBVT Datasheet HTML 4Page - Texas Instruments TPS64201DBVT Datasheet HTML 5Page - Texas Instruments TPS64201DBVT Datasheet HTML 6Page - Texas Instruments TPS64201DBVT Datasheet HTML 7Page - Texas Instruments TPS64201DBVT Datasheet HTML 8Page - Texas Instruments TPS64201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
VIN = 3.8 V, VO = 3.3 V, EN = VIN, TA = −40°C to 85°C (unless otherwise noted)
SUPPLY CURRENT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
1.8
6.5
V
I(Q)
Operating quiescent current
IO = 0 mA
20
35
µA
I(SD)
Shutdown current
EN = VI
0.1
1
µA
OUTPUT/CURRENT LIMIT
VO
Adjustable output voltage range
VFB
VI
V
VFB
Feedback voltage
1.213
V
Feedback leakage current
0.01
0.2
µA
Feedback voltage tolerance
−2
+2
%
V(ISENSE) Reference voltage for current limit
90
105
120
mV
ISENSE leakage current
0.01
0.2
µA
Line regulation
Measured with circuit according to Figure 1
0.6
%/V
Load regulation
Measured with circuit according to Figure 1
VI = 3.8 V
0.6
%/A
η
Efficiency
Measured with circuit according to Figure 1
VI = 3.8 V, VO = 3.3 V, IO = 1000 mA
94%
η
Efficiency
Measured with circuit according to Figure 1
VI = 3.8 V, VO = 1.2 V, IO = 800 mA
80%
Start-up time
IO = 0 mA, Time from active EN to VO,
CO = 47 µF
0.25
ms
GATE DRIVER (SW-PIN)
rDS(ON)
P-channel MOSFET on-resistance
VI ≥ 2.5 V
4
Ω
rDS(ON)
P-channel MOSFET on-resistance
VI = 1.8 V
6
Ω
rDS(ON)
N-channel MOSFET on-resistance
VI ≥ 2.5 V
4
Ω
rDS(ON)
N-channel MOSFET on-resistance
VI = 1.8 V
6
Ω
IO
Maximum gate drive output current, SW
150
mA
ENABLE
VIH
EN high level input voltage
Device is off
1.3
V
VIL
EN low level input voltage
Device is operating
0.3
V
EN trip point hysteresis
115
mV
Ilkg
EN input leakage current
EN = GND or VIN
0.01
0.2
µA
V(UVLO)
Undervoltage lockout threshold
1.7
V
ON TIME and OFF TIME
ton
Minimum on time
TPS64200, TPS64201, TPS64202
1.36
1.6
1.84
s
ton
Minimum on time
TPS64203 only
0.56
0.65
0.74
µs
Reduced on time 1
TPS64201,TPS64202
0.80
µs
Reduced on time 2
TPS64201,TPS64202
0.40
µs
Reduced on time 3
TPS64201,TPS64202
0.20
µs
toff
Minimum off time
TPS64200,TPS64201, TPS64203
0.44
0.55
0.66
s
toff
Minimum off time
TPS64202 only
0.24
0.3
0.36
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com