Electronic Components Datasheet Search
  English  ▼

X  

TPS64201DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64201DBVT
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64201DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS64201DBVT Datasheet HTML 8Page - Texas Instruments TPS64201DBVT Datasheet HTML 9Page - Texas Instruments TPS64201DBVT Datasheet HTML 10Page - Texas Instruments TPS64201DBVT Datasheet HTML 11Page - Texas Instruments TPS64201DBVT Datasheet HTML 12Page - Texas Instruments TPS64201DBVT Datasheet HTML 13Page - Texas Instruments TPS64201DBVT Datasheet HTML 14Page - Texas Instruments TPS64201DBVT Datasheet HTML 15Page - Texas Instruments TPS64201DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
12
THEORY OF OPERATION
The basic application circuit for the TPS64200 is shown in Figure 1. External component selection is driven by
the load requirement. It begins with the selection of the current sense resistor R(ISENSE) followed by the output
diode, the inductor L, and the output and input capacitors. The inductor is chosen based on the desired amount
of ripple current and switching frequency. The output capacitor is chosen large enough to meet the required
output ripple and transient requirements. The ESR of the output capacitor is needed for stability of the converter.
Therefore, an output capacitor with a certain amount of ESR is needed for the standard application circuit. See
the application information for more details. The input capacitor must be capable of handling the required RMS
input current.
Setting the Inductor Current Limit
The ISENSE pin is connected to an internal current comparator with a threshold of 120 mV/R(ISENSE). The current
comparator sets the peak inductor current. As the current limit is intended to protect the external PMOS the
limit must not be reached in normal operation. Set the current limit to about 1.3 times the maximum output
current or higher if desired. This takes into account a certain amount of inductor current ripple. The current limit
may also influence the start-up time when the current limit is exceeded during start up.
R
(ISENSE) v
V
(ISENSE)
min
1.3
I
O
IO — maximum output current in continuous conduction mode
V(ISENSE), min = 90 mV
(3)
The current sense resistor’s power rating should be:
P
(ISENSE) w
V
(ISENSE)
max
2
R
(ISENSE)
V(ISENSE), max = 120 mV
(4)
Setting the Output Voltage
The output voltage of the TPS64200 to TPS64202 can be set using an external resistor divider. The sum of
R1 and R2 should not exceed 1 M
Ω to keep the influence of leakage current into the feedback pin low.
V
O +
V
FB
R1
) R2
R2
R1
+ R2
V
O
V
FB
* R2 with VFB = 1.2 V
(5)
In some applications, depending on the layout, the capacitance may be too high from FB to GND. In this case,
the internal comparator may not switch fast enough to operate with the minimum on-time or the minimum
off-time given in this data sheet. For such applications a feedforward capacitor (Cff) in the range of 4.7 pF to
47 pF (typical) is added in parallel with R1 to speed up the comparator. Choose a capacitor value that is high
enough that the device turns on the PMOS for its minimum on-time with no load at the output.
Selecting the Input Capacitor
The input capacitor is used to reduce peak currents drawn from the power source and reduces noise and voltage
ripple on the input of the converter, caused by its switching action. Use low ESR tantalum capacitors or
preferably X5R or X7R ceramic capacitors with a voltage rating higher than the maximum supply voltage in the
application. In continuous conduction mode, the input capacitor must handle an rms-current which is given by:
I
Cin(rms) [
I
O
V
O
V
I
,min
(6)
Select the input capacitor according to the calculated rms-input current requirements and according to the
maximum voltage ripple. Use a minimum value of 10
µF:
C
I
,min
+
1
2
L
DI
L
2
V
(ripple)
V
I
[
1
2
L
0.3
I
O
2
V
(ripple)
V
I
with: V(ripple) − voltage ripple at CI
∆IL − inductor current ripple
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com