Electronic Components Datasheet Search
  English  ▼

X  

TPS64201DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64201DBVT
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64201DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS64201DBVT Datasheet HTML 1Page - Texas Instruments TPS64201DBVT Datasheet HTML 2Page - Texas Instruments TPS64201DBVT Datasheet HTML 3Page - Texas Instruments TPS64201DBVT Datasheet HTML 4Page - Texas Instruments TPS64201DBVT Datasheet HTML 5Page - Texas Instruments TPS64201DBVT Datasheet HTML 6Page - Texas Instruments TPS64201DBVT Datasheet HTML 7Page - Texas Instruments TPS64201DBVT Datasheet HTML 8Page - Texas Instruments TPS64201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PLASTIC SOT23-6(1) (2)
(DBV)
OUTPUT VOLTAGE
MINIMUM ON-TIME
MINIMUM OFF-TIME
MARKING
TPS64200DBVR
Adjustable
1.2 V to VI
ON time = 1.6
µs
OFF time = 600 ns
PJAI
TPS64201DBVR
Adjustable
1.2 V to VI
Variable minimum on time
OFF time = 600 ns
PJBI
TPS64202DBVR
Adjustable
1.2 V to VI
Variable minimum on time
OFF time = 300 ns
PJCI
TPS64203DBVR
Adjustable
1.2 V to VI
ON time = 600 ns
OFF time = 600 ns
PJDI
(1) The R suffix indicates shipment in tape and reel with 3000 units per reel.
(2) The T suffix indicates a mini reel with 250 units per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
Supply voltage, VIN
−0.3 V to 7 V
Voltage at EN, SW, ISENSE
−0.3 V to VIN
Voltage at FB
−0.3 V to 3.3 V
Maximum junction temperature, TJ
150
°C
Operating free−air temperature, TA
−40
°C to 85°C
Storage temperature, Tsgt
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤255C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 705C
POWER RATING
TA = 855C
POWER RATING
SOT23−6
400 mW
4 mW/
°C
220 mW
180 mW
NOTE: The thermal resistance junction to ambient of the 6−pin SOT23 package is 250
°C/W.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage at VIN
1.8
6.5
V
Operating junction temperature
−40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com