Electronic Components Datasheet Search
  English  ▼

X  

TPS64201DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64201DBVT
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64201DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS64201DBVT Datasheet HTML 10Page - Texas Instruments TPS64201DBVT Datasheet HTML 11Page - Texas Instruments TPS64201DBVT Datasheet HTML 12Page - Texas Instruments TPS64201DBVT Datasheet HTML 13Page - Texas Instruments TPS64201DBVT Datasheet HTML 14Page - Texas Instruments TPS64201DBVT Datasheet HTML 15Page - Texas Instruments TPS64201DBVT Datasheet HTML 16Page - Texas Instruments TPS64201DBVT Datasheet HTML 17Page - Texas Instruments TPS64201DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
14
Selecting the External PMOS
An external PMOS must be used for a step-down converter with the TPS64200. The selection criteria for the
PMOS are threshold voltage, rDS(on), gate charge and current and voltage rating. Since the TPS64200 can
operate down to 1.8 V, the external PMOS must have a VGS(th) much lower than that if it is operated with such
a low voltage. As the gate of the PMOS finds the full supply voltage applied to the TPS64200, the PMOS must
be able to handle that voltage at the gate. The drain to source breakdown voltage rating should be at least a
few volts higher than the supply voltage in the application. The rms-current in the PMOS assuming low inductor
current ripple and continuous conduction mode, is:
I
PMOS(rms) [
I
O
D
+ I
O
V
O
V
I
(11)
The power dissipated in the PMOS is comprised of conduction losses and switching losses. The conduction
losses are a function of the rms−current in the PMOS and the rDS(on) at a given temperature. They are calculated
using:
P
(cond) +
I
O
D
2
r
DS(on)
1
) TC
T
J
–25
°C [ I
O
D
2
r
DS(on)
with TC = 0.005/
°C
(12)
Table 2. PMOS Transistors Used in the Application Section
TYPE
MANUFACTURER
rDS(on)
VDS
ID
PACKAGE
Si5447DC
Vishay Siliconix
0.11
Ω at VGS = −2.5 V
−20 V
−3.5 A at 25
°C
1206
Si5475DC
Vishay Siliconix
0.041
Ω at VGS = −2.5 V
−12 V
−6.6 A at 25
°C
1206
Si2301ADS
Vishay Siliconix
0.19
Ω at VGS = −2.5 V
−20 V
−1.4 A at 25
°C
SOT23
Si2323DS
Vishay Siliconix
0.41
Ω at VGS = −2.5 V
−20 V
−4.1 A at 25
°C
SOT23
FDG326P
Fairchild
0.17
Ω at VGS = −2.5 V
−20 V
−1.5 A
SC70
Selecting the Output Diode
The output diode conducts in the off phase of the PMOS and carries the full output current. The high switching
frequency demands a high-speed rectifier. Schottky diodes are recommended for best performance. Make sure
that the peak current rating of the diode exceeds the peak current limit set by the sense resistor R(ISENSE) or
rDS(on). Select a Schottky diode with a low reverse leakage current to avoid an increased supply current. The
average current in the diode in continuous conduction mode, assuming low inductor current ripple, is:
I
(diode)(Avg) [
I
O
(1–D)
+ I
O
1–
V
O
V
I
(13)
Table 3. Tested Diodes
TYPE
MANUFACTURER
VR
IF
PACKAGE
MBRM120LT3
On Semiconductor
20 V
1 A
DO216AA
MBR0530T1
On Semiconductor
30 V
0.5 A
SOD123
ZHCS2000TA
Zetex
40 V
2 A
SOT23−6
B320
Diodes Inc.
20 V
3 A
SMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com