Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/2DA/2 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8576DU/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/2DA/2 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8576DU/2DA/2 Datasheet HTML 14Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 15Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 16Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 17Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 18Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 19Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 20Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
18 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
7.9 Backplane outputs
The LCD drive section includes four backplane outputs BP0 to BP3 which must be
connected directly to the LCD. The backplane output signals are generated in accordance
with the selected LCD drive mode. If less than four backplane outputs are required, the
unused outputs can be left open-circuit.
• In 1:3 multiplex drive mode, BP3 carries the same signal as BP1, therefore these two
adjacent outputs can be tied together to give enhanced drive capabilities.
• In 1:2 multiplex drive mode, BP0 and BP2, respectively, BP1 and BP3 all carry the
same signals and may also be paired to increase the drive capabilities.
• In static drive mode the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements.
7.10 Display RAM
The display RAM is a static 40
 4-bit RAM which stores LCD data.
There is a one-to-one correspondence between
• the bits in the RAM bitmap and the LCD elements
• the RAM columns and the segment outputs
• the RAM rows and the backplane outputs.
A logic 1 in the RAM bitmap indicates the on-state of the corresponding LCD element;
similarly, a logic 0 indicates the off-state.
The display RAM bit map, Figure 12, shows the rows 0 to 3 which correspond with the
backplane outputs BP0 to BP3, and the columns 0 to 39 which correspond with the
segment outputs S0 to S39. In multiplexed LCD applications the segment data of the first,
second, third and fourth row of the display RAM are time-multiplexed with BP0, BP1, BP2,
and BP3 respectively.
When display data is transmitted to the PCF8576D, the received display bytes are stored
in the display RAM in accordance with the selected LCD drive mode. The data is stored as
it arrives and depending on the current multiplex drive mode the bits are stored singularly,
The display RAM bitmap shows the direct relationship between the display RAM column and the
segment outputs; and between the bits in a RAM row and the backplane outputs.
Fig 12. Display RAM bit map
0
0
1
2
3
1
2
3
4
35
36
37
38
39
display RAM addresses (columns)/segment outputs (S)
display RAM bits
(rows)/
backplane outputs
(BP)
mbe525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com