Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/2DA/2 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8576DU/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/2DA/2 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8576DU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 31Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 32Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 33Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
30 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
After an acknowledgement, one or more command bytes follow, that define the status of
each addressed PCF8576D.
The last command byte sent is identified by resetting its most significant bit, continuation
bit C, (see Figure 19). The command bytes are also acknowledged by all addressed
PCF8576D on the bus.
After the last command byte, one or more display data bytes may follow. Display data
bytes are stored in the display RAM at the address specified by the data pointer and the
subaddress counter. Both data pointer and subaddress counter are automatically updated
and the data directed to the intended PCF8576D device.
An acknowledgement after each byte is asserted only by the PCF8576Ds that are
addressed via address lines A0, A1, and A2. After the last display byte, the I2C-bus
master asserts a STOP condition (P). Alternately a START may be asserted to restart an
I2C-bus access.
Fig 18. I2C-bus protocol
Fig 19. Format of command byte
mdb078
S
A
0
S
011100
0 A C
COMMAND
A
P
A
DISPLAY DATA
slave address
R/W
acknowledge by
all addressed
PCF8576Ds
acknowledge
by A0, A1 and A2
selected
PCF8576D only
1 byte
update data pointers
and if necessary,
subaddress counter
n
≥ 1 byte(s)
n
≥ 0 byte(s)
msa833
REST OF OPCODE
C
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com