Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/2DA/2 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8576DU/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/2DA/2 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8576DU/2DA/2 Datasheet HTML 20Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
24 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
7.12 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus. The
commands available to the PCF8576D are defined in Table 10.
[1]
Not used.
All available commands carry a continuation bit C in their most significant bit position as
shown in Figure 19. When this bit is set logic 1, it indicates that the next byte of the
transfer to arrive will also represent a command. If this bit is set logic 0, it indicates that
the command byte is the last in the transfer. Further bytes will be regarded as display data
(see Table 11).
Table 10.
Definition of PCF8576D commands
Command
Operation code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
C
1
0
-[1]
E
B
M[1:0]
Table 12
load-data-pointer
C
0
P[5:0]
Table 13
device-select
C
110
0A[2:0]
Table 14
bank-select
C
1
1
1
1
0
I
O
Table 15
blink-select
C
1
1
1
0
AB
BF[1:0]
Table 16
Table 11.
C bit description
Bit
Symbol
Value
Description
7C
continue bit
0
last control byte in the transfer; next byte will be regarded
as display data
1
control bytes continue; next byte will be a command too



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com