| Electronic Components Datasheet Search |
|
PCF8576DU/2DA/2 Datasheet(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DU/2DA/2 Datasheet(HTML) 36 Page - NXP Semiconductors |
|
36 / 57 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 14 — 10 June 2013 36 of 57 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 13. Application information 13.1 Cascaded operation In large display configurations, up to 16 PCF8576Ds can be differentiated on the same I2C-bus by using the 3-bit hardware subaddresses (A0, A1 and A2) and the programmable I2C-bus slave address (SA0). PCF8576Ds connected in cascade are synchronized to allow the backplane signals from only one device in the cascade to be shared. This arrangement is cost-effective in large LCD applications since the backplane outputs of only one device need to be through-plated to the backplane electrodes of the display. The other cascaded PCF8576Ds contribute additional segment outputs but their backplane outputs are left open-circuit (see Figure 23). All PCF8576Ds connected in cascade are correctly synchronized by the SYNC signal. This synchronization is guaranteed after the power-on reset. The only time that SYNC is likely to be needed is if synchronization is lost accidentally, for example, by noise in adverse electrical environments, or if the LCD multiplex drive mode is changed in an application using several cascaded PCF8576Ds, as the drive mode cannot be changed on all of the cascaded devices simultaneously. SYNC can be either an input or an output signal; a SYNC output is implemented as an open-drain driver with an internal pull-up resistor. The PCF8576D asserts SYNC at the start of its last active backplane signal and monitors the SYNC line at all other times. If cascade synchronization is lost, it is restored by the first PCF8576D to assert SYNC. The timing relationship between the backplane waveforms and the SYNC signal for each LCD drive mode is shown in Figure 24. Table 21. Addressing cascaded PCF8576D Cluster Bit SA0 Pin A2 Pin A1 Pin A0 Device 100 000 0 011 0 102 0 113 1 004 1 015 1 106 1 117 210 008 0 019 0 1010 0 1111 1 0012 1 0113 1 1014 1 1115 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |