Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/2DA/2 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8576DU/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/2DA/2 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8576DU/2DA/2 Datasheet HTML 19Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 20Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
23 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
mode, the contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives
the provision for preparing display information in an alternative bank and to be able to
switch to it once it is assembled.
7.10.6 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command (see
Table 15). The input bank selector functions independently to the output bank selector.
7.11 Blinking
The display blinking capabilities of the PCF8576D are very versatile. The whole display
can blink at frequencies selected by the blink-select command (see Table 16). The blink
frequencies are derived from the clock frequency. The ratio between the clock and blink
frequencies depends on the blink mode selected (see Table 16).
An additional feature is for an arbitrary selection of LCD elements to blink. This applies to
the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the blink frequency. This mode can
also be specified by the blink-select command.
In the 1:3 and 1:4 multiplex modes, where no alternative RAM bank is available, groups of
LCD elements can blink by selectively changing the display RAM data at fixed time
intervals.
The entire display can blink at a frequency other than the nominal blink frequency. This
can be effectively performed by resetting and setting the display enable bit E at the
required rate using the mode-set command (see Table 12).
[1]
Blink modes 1, 2 and 3 and the nominal blink frequencies 0.5 Hz, 1 Hz and 2 Hz correspond to an oscillator
frequency (fclk) of 1536 Hz (see Section 12).
Table 9.
Blinking frequencies
Blink mode
Normal operating mode ratio
Nominal blink frequency[1]
off
-
blinking off
12 Hz
21 Hz
3
0.5 Hz
f
clk
768
----------
f
clk
1536
-------------
f
clk
3072
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com