Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 To ATA/ATAPI Bridge Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB6250 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 29Page - Texas Instruments TUSB6250 Datasheet HTML 30Page - Texas Instruments TUSB6250 Datasheet HTML 31Page - Texas Instruments TUSB6250 Datasheet HTML 32Page - Texas Instruments TUSB6250 Datasheet HTML 33Page - Texas Instruments TUSB6250 Datasheet HTML 34Page - Texas Instruments TUSB6250 Datasheet HTML 35Page - Texas Instruments TUSB6250 Datasheet HTML 36Page - Texas Instruments TUSB6250 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 125 page
background image
Microcontroller Unit (MCU)
6−10
SLLS535E − April 2008
TUSB6250
765
43210
T7
T6
T5
T4
T3
T2
T1
T0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
T [7:0]
00h
RTK timer value. The RTKTM register defines the RTK (INT6) interrupt intervals in 10
µs
increments. Note that a INT6 interrupt is generated only when T[7:0]>00 and EI6 is set (E16=1) in
the IE1: interrupt enable register (SFR at E8).
00h = RTK timer is disabled.
01h = Interrupt is generated every 10
µs
02h = Interrupt is generated every 20
µs
:
FFh = Interrupt is generated every 2,550
µs
6.3.3 WDCSR: Watchdog Timer Control and Status Register (at ESFR FBh)
A watchdog timer (WDT) with a 1-ms clock is provided. If the WDCSR register is not accessed for a period
of 128 ms, the WDT counter resets the MCU. When debugger logic is enabled and a break is detected, the
WDT is suspended until a jump-to-application is executed. at such point, the WDT resumes operation.
The WDT is enabled by default and can only be disabled by the MCU/firmware writing a pattern of 101010
into the WDD [5:0] bits. To avoid accidental reset by the WDT, the firmware has to ensure that it clears the WDT
before going into suspend.
The WDCSR register is cleared by a power-up reset only. The USB reset cannot clear the WDCSR register.
765
43210
WDRI
WDD5
WDD4
WDD3
WDD2
WDD1
WDD0
WDCES
R/C
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
WDCES
1
Watchdog timer counter clear and enabling status.
• For write access, this bit acts as the watchdog timer counter clear bit. The MCU must write a 1 to
this bit to prevent the WDT from resetting the device. If the MCU does not write a 1 in a period of
128 ms, the WDT resets the device. Writing a 0 has no effect on the WDT. The WDT is an 8-bit
counter using a 1-ms CLK.
• For read access, this bit acts as a status bit to indicate whether the watchdog timer is currently
enabled. A return value of 1 indicates the watchdog timer is enabled and a return value of 0
indicates the watchdog timer is disabled. A reset value of 1 indicates the watchdog timer is enabled
by default.
6−1
WDD[5:0]
000000
These bits are used to disable the watchdog timer. For the timer to be disabled, these bits must be set
to a special pattern of 101010. If any other pattern is present, the watchdog timer remains in operation.
These bits are read back as all 0.
7
WDRI
0
Watchdog reset indication bit. This bit indicates if the reset occurred due to a power-up reset or a
watchdog timer reset.
WDR = 0 A power-up reset occurred.
WDR = 1 A watchdog timeout reset occurred. To clear this bit, the MCU must write a 1. Writing a 0
has no effect.
6.3.4 MCUCNFG: MCU Configuration Register (at ESFR FCh)
The APP_MODE bit (bit 0) provides an indication for the MCU to distinguish whether it is currently running
in the boot-sequence mode or under firmware control. Once the boot code finishes the firmware download
and is ready to switch to firmware control, it sets this bit before relinquishing the control to the firmware. The
firmware should take extra care and never clear this bit.
When the WAKCLK bit in the USBMSK register and any one of the bits (bit 5 to 2) of the MCUCNFG register
are both enabled, any status change (for example, a media insertion/ejection or other remote wakeup event)
on the GPIO pins related to these four bits triggers a WAKCLK interrupt to the MCU, while the source of the
status change is logged in the USB wakeup reason register. Bits [5:2] act as the individual status change
(event) enable bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com