Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 To ATA/ATAPI Bridge Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB6250 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 12Page - Texas Instruments TUSB6250 Datasheet HTML 13Page - Texas Instruments TUSB6250 Datasheet HTML 14Page - Texas Instruments TUSB6250 Datasheet HTML 15Page - Texas Instruments TUSB6250 Datasheet HTML 16Page - Texas Instruments TUSB6250 Datasheet HTML 17Page - Texas Instruments TUSB6250 Datasheet HTML 18Page - Texas Instruments TUSB6250 Datasheet HTML 19Page - Texas Instruments TUSB6250 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 125 page
background image
Device Parameter Information
4−3
SLLS535E − April 2008
TUSB6250
Table 4−1. Controller Terminal Description (80-Pin TQFP) (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
TYPE
NOTES
DESCRIPTION
XTAL2
17
O
(12)
24-MHz crystal output. This terminal has a 1.8-V LVCMOS output buffer.
XTAL1
18
I
(11)
24-MHz crystal input. This terminal has a 1.8-V LVCMOS input buffer.
CONTROLLER POWER/GROUND
DGND
27,37,48,
56,66,75
GND
Digital circuit ground terminals. Each ground terminal should be directly connected through a
low-impedance path to the ground plane.
DVDD
23,33,45,
53,63,77
PWR
3.3-V power-supply terminals for the internal I/O circuitry. Decoupling and filtering capacitors are
required on these power supply terminals.
DVDD18
32, 76
PWR
1.8-V power supply for the internal digital circuitry of the TUSB6250. An internal voltage
regulator generates this supply voltage when terminal DVREGEN is asserted. When
DVREGEN is de-asserted, 1.8 V must be supplied externally. Bypass capacitors to ground are
required on these pins.
SUSPEND
80
O
(1)
Suspend status indication. This terminal is low during normal operation and active high during
suspend. It can be used for external logic power-down operations.
ATA/ATAPI INTERFACE
CS1
25
O
(2)(9)
ATA/ATAPI: Drive chip select-1. Used to select the control block registers defined by the
ATA/ATAPI-5 specification. This terminal should be connected to the corresponding pin of the
ATA/ATAPI interface connector on the end-product PCB.
CS0
26
O
(2)(9)
ATA/ATAPI: Drive chip select-0. Used to select the command block registers defined by the
ATA/ATAPI-5 specification. This terminal should be connected to the corresponding pin of the
ATA/ATAPI interface connector on the end-product PCB.
DA [2:0]
28, 31,
29
O
(2)(9)
ATA/ATAPI: These three address lines are used to select the ATA/ATAPI drive registers as
defined by the ATA/ATAPI-5 specification. These terminals should be connected to the
corresponding pins of the ATA/ATAPI interface connector on the end-product PCB.
DD [15:0]
41,43,46,
49,51,54,
57,59,60,
58,55,52,
50,47,44,
42
I/O
(2)(5)
(10)
ATA/ATAPI: 16-bit I/O data bus. These terminals are all 5-V fail-safe with internal controllable
pulldown resistors. These terminals should be connected to the corresponding pins of the
ATA/ATAPI interface connector on the end-product PCB.
DMACK
35
O
(2)(9)
ATA/ATAPI: DMA acknowledge. This terminal should be connected to the corresponding pin of
the ATA/ATAPI interface connector on the end-product PCB.
DMARQ
40
I
(5)(10)
ATA/ATAPI: DMA request. This 5-V fail-safe terminal has an internal controllable pulldown
resistor. The power-up default is the pulldown resistor enabled. This terminal should be
connected to the corresponding pin of the ATA/ATAPI interface connector on the end-product
PCB.
DIOR
38
O
(2)(9)
ATA/ATAPI: Read strobe signal. This terminal should be connected to the corresponding pin of
the ATA/ATAPI interface connector on the end-product PCB.
DIOW
39
O
(2)(9)
ATA/ATAPI: Write strobe signal. This terminal should be connected to the corresponding pin of
the ATA/ATAPI interface connector on the end-product PCB.
INTRQ
34
I
(5)(9)
ATA/ATAPI: Interrupt request. The ATA device asserts this signal when it has a pending interrupt.
This 5-V fail-safe terminal has internal configurable pullup and pulldown resistors. The power-up
default is the pulldown resistor enabled. This terminal should be connected to the corresponding
pin of the ATA/ATAPI interface connector on the end-product PCB.
IORDY
36
I
(5)(9)
ATA/ATAPI: Channel ready. This 5-V fail-safe terminal has internal configurable pullup and
pulldown resistors. The power-up default is the pullup resistor enabled. This terminal should be
connected to the corresponding pin of the ATA/ATAPI interface connector on the end-product
PCB.
P3.6
30
I/O
(2)(5)
(9)
5-V fail-safe general-purpose I/O with internal configurable pullup and pulldown resistors. This
terminal can be used as a GPIO or PDIAG function to be implemented by the end-product
developer’s custom firmware. After power-on reset, this terminal defaults as input with the
internal pullup resistor enabled. The MCU can reconfigure the pullup and pulldown resistors, if
desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com