Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 To ATA/ATAPI Bridge Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB6250 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 31Page - Texas Instruments TUSB6250 Datasheet HTML 32Page - Texas Instruments TUSB6250 Datasheet HTML 33Page - Texas Instruments TUSB6250 Datasheet HTML 34Page - Texas Instruments TUSB6250 Datasheet HTML 35Page - Texas Instruments TUSB6250 Datasheet HTML 36Page - Texas Instruments TUSB6250 Datasheet HTML 37Page - Texas Instruments TUSB6250 Datasheet HTML 38Page - Texas Instruments TUSB6250 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 125 page
background image
Microcontroller Unit (MCU)
6−12
SLLS535E − April 2008
TUSB6250
765
43210
RSV
RSV
RSV
RSV
BANKSEL2
BANKSEL1
BANKSEL0
SCRATCH
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
SCRATCH
0
This is a scratch bit that can be read and written by the MCU for any end-product-specific
function, if supported by the end-product custom firmware.
One of the recommended usages can be defined as a bit to indicate to the application
firmware whether the power-up sequence that occurred on the ATA/ATAPI device was
caused by a remote wakeup, resume from suspend, or a power-up reset. This can be
achieved by the MCU writing a 1 to this bit before going into suspend.
3−1
BANKSEL
[2:0]
000
IDATA bank select.
The MCU can write to BANKSEL to select a particular bank in one of the eight IDATA bank
spaces. Each bank has a capacity of 256 bytes with the middle 128 bytes shared with the
other banks.
7−4
RSV
0h
Reserved = 0h
Internal Data Memory
Bank 0
(256
× 8 Bit)
00
3F
Nonshared Space
64 Bytes
C0
FF
Nonshared Space
64 Bytes
40
BF
Internal Data Memory
Bank N (N = 1 − 7)
(256
× 8 Bit)
Nonshared Space
64 Bytes
Nonshared Space
64 Bytes
Shared Space
128 Bytes
Figure 6−2. IDATA Space Memory Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com