Electronic Components Datasheet Search
  English  ▼

X  

TUSB6250 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 To ATA/ATAPI Bridge Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB6250 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 45Page - Texas Instruments TUSB6250 Datasheet HTML 46Page - Texas Instruments TUSB6250 Datasheet HTML 47Page - Texas Instruments TUSB6250 Datasheet HTML 48Page - Texas Instruments TUSB6250 Datasheet HTML 49Page - Texas Instruments TUSB6250 Datasheet HTML 50Page - Texas Instruments TUSB6250 Datasheet HTML 51Page - Texas Instruments TUSB6250 Datasheet HTML 52Page - Texas Instruments TUSB6250 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
8−8
SLLS535E − April 2008
TUSB6250
8.3.2.4
Register Settings Affect the WAKCLK Interrupt
The seven enable bits listed in Table 8−1 greatly affect the behavior and function of the WAKCLK interrupt
function.
Table 8−1. Register Setting for the WAKCLK Interrupt and Remote Wakeup
BIT NAME
BIT LOCATION
IN REGISTER
FUNCTION CONTROLLED
LPEN
USBCTL[6]
Low-power enable.
LPEN controls whether the core clock of the TUSB6250 is shut down when the TUSB6250 enters the USB
suspend state.
WAKCLK
USBMSK[2]
WAKCLK interrupt enable. WAKCLK controls:
S Whether the WAKCLK interrupt is generated when VBUS or any other status-change events occur.
S Whether the core clock of the TUSB6250 is awakened in the suspend state along with the RWUPEN bit
setting.
RWUPEN
USBCTL[5]
Remote wakeup enable. RWUPEN controls:
S Whether the core clock of the TUSB6250 is awakened in the suspend state along with the WAKCLK bit
setting.
S Whether the USB resume signaling is sent to the upstream USB host when any remote wakeup event occurs
at either the VBUS pin or any of the four remote wakeup-capable GPIOs.
P34STEN
MCUCNFG[2]
GPIO port3.4 status-change detection enable.
P34STEN allows the firmware to enable/disable the status-change detection on the port3.4 pin.
P35STEN
MCUCNFG[3]
GPIO port3.5 status-change detection enable.
P35STEN allows the firmware to enable/disable the status-change detection on the port3.5 pin.
CD1STEN
MCUCNFG[4]
Card detection-1 status-change enable.
CD1STEN allows the firmware to enable/disable the status-change detection on the port3.2 pin.
CD2STEN
MCUCNFG[5]
Card detection-2 status-change enable.
CD2STEN allows the firmware to enable/disable the status-change detection on the port3.3 pin.
In summary, to configure the WAKCLK interrupt and remote wakeup, it is important to ensure that:
•
When the remote wakeup is desired (this means sending resume signaling to the host is desired), both
WAKCLK and RWUPEN must be set.
•
If the remote wakeup is not desired (this means no resume signaling to the host is desired), while the
end-product application cannot afford losing any status-change event that might occur when the
TUSB6250 is in the USB suspend state, the WAKCLK bit can be set, and the RWUPEN bit can be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com