Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 81Page - ATMEL Corporation AT90USB646 Datasheet HTML 82Page - ATMEL Corporation AT90USB646 Datasheet HTML 83Page - ATMEL Corporation AT90USB646 Datasheet HTML 84Page - ATMEL Corporation AT90USB646 Datasheet HTML 85Page - ATMEL Corporation AT90USB646 Datasheet HTML 86Page - ATMEL Corporation AT90USB646 Datasheet HTML 87Page - ATMEL Corporation AT90USB646 Datasheet HTML 88Page - ATMEL Corporation AT90USB646 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 456 page
background image
85
7593L–AVR–09/12
AT90USB64/128
Note:
1. When enabled, the 2-wire Serial Interface enables Slew-Rate controls on the output pins PD0
and PD1. This is not shown in this table. In addition, spike filters are connected between the
AIO outputs shown in the port figure and the digital logic of the TWI module.
Table 11-13. Overriding signals for alternate functions PD7..PD4.
Signal name
PD7/T0
PD6/T1
PD5/XCK1
PD4/ICP1
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
XCK1 OUTPUT ENABLE
0
DDOV
0
0
1
0
PVOE
0
0
XCK1 OUTPUT ENABLE
0
PVOV
0
0
XCK1 OUTPUT
0
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
T0 INPUT
T1 INPUT
XCK1 INPUT
ICP1 INPUT
AIO
–
–
–
–
Table 11-14. Overriding signals for alternate functions in PD3..PD0
(1).
Signal name
PD3/INT3/TXD1
PD2/INT2/RXD1
PD1/INT1/SDA/OC2
B
PD0/INT0/SCL/OC0
B
PUOE
TXEN1
RXEN1
TWEN
TWEN
PUOV
0
PORTD2 • PUD
PORTD1 • PUD
PORTD0 • PUD
DDOE
TXEN1
RXEN1
TWEN
TWEN
DDOV
1
0
SDA_OUT
SCL_OUT
PVOE
TXEN1
0
TWEN | OC2B
ENABLE
TWEN | OC0B
ENABLE
PVOV
TXD1
0
OC2B
OC0B
DIEOE
INT3 ENABLE
INT2 ENABLE
INT1 ENABLE
INT0 ENABLE
DIEOV
1
1
1
1
DI
INT3 INPUT
INT2 INPUT/RXD1
INT1 INPUT
INT0 INPUT
AIO
–
–
SDA INPUT
SCL INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com