Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 46Page - ATMEL Corporation AT90USB646 Datasheet HTML 47Page - ATMEL Corporation AT90USB646 Datasheet HTML 48Page - ATMEL Corporation AT90USB646 Datasheet HTML 49Page - ATMEL Corporation AT90USB646 Datasheet HTML 50Page - ATMEL Corporation AT90USB646 Datasheet HTML 51Page - ATMEL Corporation AT90USB646 Datasheet HTML 52Page - ATMEL Corporation AT90USB646 Datasheet HTML 53Page - ATMEL Corporation AT90USB646 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 456 page
background image
50
7593L–AVR–09/12
AT90USB64/128
Note:
1. For Atmel AT90USB128x only. Do not use with Atmel AT90USB64x.
2. For AT90USB64x only. Do not use with AT90USB128x.
• Bit 1 – PLLE: PLL Enable
When the PLLE is set, the PLL is started.
• Bit 0 – PLOCK: PLL Lock Detector
When the PLOCK bit is set, the PLL is locked to the reference clock. After the PLL is enabled, it
takes about 100ms for the PLL to lock.
To clear PLOCK, clear PLLE and PLLPx bits.
Table 7-11.
PLL input prescaler configurations.
PLLP2
PLLP1
PLLP0
Clock division factor
External XTAL required for USB
operation [MHz]
000
Reserved
-
001
Reserved
-
010
Reserved
-
011
4
8
100
Reserved
-
101
8 (1)
16 (1)
110
8 (2)
16 (2)
111
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com