Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 54Page - ATMEL Corporation AT90USB646 Datasheet HTML 55Page - ATMEL Corporation AT90USB646 Datasheet HTML 56Page - ATMEL Corporation AT90USB646 Datasheet HTML 57Page - ATMEL Corporation AT90USB646 Datasheet HTML 58Page - ATMEL Corporation AT90USB646 Datasheet HTML 59Page - ATMEL Corporation AT90USB646 Datasheet HTML 60Page - ATMEL Corporation AT90USB646 Datasheet HTML 61Page - ATMEL Corporation AT90USB646 Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 456 page
background image
58
7593L–AVR–09/12
AT90USB64/128
Figure 9-1.
Reset logic.
Notes:
1. The POR will not work unless the supply voltage has been below VPOT (falling).
9.3
Power-on reset
A Power-on Reset (POR) pulse is generated by an on-chip detection circuit. The detection level
is defined in Table 9-1. The POR is activated whenever V
CC is below the detection level. The
POR circuit can be used to trigger the start-up reset, as well as to detect a failure in supply
voltage.
A Power-on Reset (POR) circuit ensures that the device is properly reset from Power-on if Vcc
started from V
POR with a rise rate upper than VCCRR. Reaching the Power-on Reset threshold
Table 9-1.
Reset characteristics.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VPOT
Power-on reset threshold voltage (rising)
1.4
2.3
V
Power-on reset threshold voltage (falling) (1)
1.3
2.3
VPOR
VCC start voltage to ensure internal power-
on reset signal
-0.1
0.1
VCCRR
VCC rise rate to ensure internal power_on
reset signal
0.3
V/ms
VRST
RESET pin threshold voltage
0.2
VCC
0.85
VCC
V
tRST
Minimum pulse width on RESET Pin
5V, 25°C
400
ns
MCU status
register (MCUSR)
Brown-out
reset circuit
BODLEVEL [2..0]
Delay counters
CKSEL[3:0]
CK
TIMEOUT
DATA BUS
Clock
generator
SPIKE
FILTER
Pull-up resistor
JTAG reset
register
Watchdog
oscillator
SUT[1:0]
Power-on reset
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com