Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 86Page - ATMEL Corporation AT90USB646 Datasheet HTML 87Page - ATMEL Corporation AT90USB646 Datasheet HTML 88Page - ATMEL Corporation AT90USB646 Datasheet HTML 89Page - ATMEL Corporation AT90USB646 Datasheet HTML 90Page - ATMEL Corporation AT90USB646 Datasheet HTML 91Page - ATMEL Corporation AT90USB646 Datasheet HTML 92Page - ATMEL Corporation AT90USB646 Datasheet HTML 93Page - ATMEL Corporation AT90USB646 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 456 page
background image
90
7593L–AVR–09/12
AT90USB64/128
11.4.2
DDRA – Port A Data Direction Register
11.4.3
PINA – Port A Input Pins Address
11.4.4
PORTB – Port B Data Register
11.4.5
DDRB – Port B Data Direction Register
11.4.6
PINB – Port B Input Pins Address
11.4.7
PORTC – Port C Data Register
11.4.8
DDRC – Port C Data Direction Register
11.4.9
PINC – Port C Input Pins Address
11.4.10
PORTD – Port D Data Register
Bit
7
65
43
2
1
0
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
DDRA
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
PINA
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
7
65
43
2
1
0
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
PORTB
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
DDRB
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
PINB
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
7
65
43
2
1
0
PORTC7
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
PORTC
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
DDRC
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
PINC7
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
PINC
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
7
65
43
2
1
0
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
PORTD
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com